Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6021-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6021-E/MS
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6021-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6021-E/MS Datasheet HTML 6Page - Microchip Technology MCP6021-E/MS Datasheet HTML 7Page - Microchip Technology MCP6021-E/MS Datasheet HTML 8Page - Microchip Technology MCP6021-E/MS Datasheet HTML 9Page - Microchip Technology MCP6021-E/MS Datasheet HTML 10Page - Microchip Technology MCP6021-E/MS Datasheet HTML 11Page - Microchip Technology MCP6021-E/MS Datasheet HTML 12Page - Microchip Technology MCP6021-E/MS Datasheet HTML 13Page - Microchip Technology MCP6021-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP6021/1R/2/3/4
DS21685C-page 10
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD =+2.5V to +5.5V, VSS = GND, VCM =VDD/2, VOUT ≈ VDD/2,
RL =10kΩ to VDD/2 and CL =60 pF.
FIGURE 2-31:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-32:
Small-Signal Non-inverting
Pulse Response.
FIGURE 2-33:
Large-Signal Non-inverting
Pulse Response.
FIGURE 2-34:
Output Voltage Headroom
vs. Temperature.
FIGURE 2-35:
Small-Signal Inverting Pulse
Response.
FIGURE 2-36:
Large-Signal Inverting Pulse
Response.
1
10
100
1,000
0.01
0.1
1
10
Output Current Magnitude (mA)
VDD - VOH
V
OL - VSS
-6.E-02
-5.E-02
-4.E-02
-3.E-02
-2.E-02
-1.E-02
0.E+00
1.E-02
2.E-02
3.E-02
4.E-02
5.E-02
6.E-02
0.E+00
2.E-07
4.E-07
6.E-07
8.E-07
1.E-06
1.E-06
1.E-06
2.E-06
2.E-06
2.E-06
Time (200 ns/div)
G = +1 V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.E+00
5.E-07
1.E-06
2.E-06
2.E-06
3.E-06
3.E-06
4.E-06
4.E-06
5.E-06
5.E-06
Time (500 ns/div)
G = +1 V/V
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD - VOH
VOL - VSS
-6.E-02
-5.E-02
-4.E-02
-3.E-02
-2.E-02
-1.E-02
0.E+00
1.E-02
2.E-02
3.E-02
4.E-02
5.E-02
6.E-02
0.E+00
2.E-07
4.E-07
6.E-07
8.E-07
1.E-06
1.E-06
1.E-06
2.E-06
2.E-06
2.E-06
Time (200 ns/div)
G = -1 V/V
R
F = 1 k
Ω
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.E+00
5.E-07
1.E-06
2.E-06
2.E-06
3.E-06
3.E-06
4.E-06
4.E-06
5.E-06
5.E-06
Time (500 ns/div)
G = -1 V/V
R
F = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com