Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6541R-E/OT Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6541R-E/OT
Description  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541R-E/OT Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6541R-E/OT Datasheet HTML 25Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 26Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 27Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 28Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 29Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 30Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 31Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 32Page - Microchip Technology MCP6541R-E/OT Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 29
MCP6541/1R/1U/2/3/4
APPENDIX A: REVISION HISTORY
Revision E (September 2006)
The following is the list of modifications:
1.
Added MCP6541U pinout for the SOT-23-5
package.
2.
Clarified Absolute Maximum Analog Input
Voltage and Current Specifications.
3.
Added
applications
writeups
on
unused
comparators.
4.
Added disclaimer to package outline drawings.
Revision D (May 2006)
The following is the list of modifications:
1.
Added E-temp parts.
2.
Changed VHYST temperature specification to
linear and quadratic temperature coefficients.
3.
Changed specifications and plots for E-Temp.
4.
Added Section 3.0 Pin Descriptions
5.
Corrected package marking (See Section 5.1
“Package Marking Information”)
6.
Added Appendix A: Revision History.
Revision C (September 2003)
Revision B (November 2002)
Revision A (March 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com