Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2140T-IP Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP2140T-IP
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140T-IP Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP2140T-IP Datasheet HTML 41Page - Microchip Technology MCP2140T-IP Datasheet HTML 42Page - Microchip Technology MCP2140T-IP Datasheet HTML 43Page - Microchip Technology MCP2140T-IP Datasheet HTML 44Page - Microchip Technology MCP2140T-IP Datasheet HTML 45Page - Microchip Technology MCP2140T-IP Datasheet HTML 46Page - Microchip Technology MCP2140T-IP Datasheet HTML 47Page - Microchip Technology MCP2140T-IP Datasheet HTML 48Page - Microchip Technology MCP2140T-IP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21790A-page 45
MCP2140
APPENDIX A: REVISION HISTORY
Revision A
• This is a new data sheet
APPENDIX B: NETWORK
LAYERING
REFERENCE MODEL
Figure B-1 shows the ISO Network Layering Reference
Model. The shaded areas are implemented by the
MCP2140, while the cross-hatched area is imple-
mented by an infrared transceiver. The unshaded
areas should be implemented by the Host Controller.
FIGURE B-1:
ISO REFERENCE LAYER MODEL
OSI REFERENCE LAYERS
Application
Presentation
Session
Transport
Network
Data Link Layer
LLC (Logical Link Control)
Acceptance Filtering
Overload Notification
Recovery Management
MAC (Medium Access Control)
Data Encapsulation/Decapsulation
Frame Coding (stuffing, destuffing)
Medium Access Management
Error Detection
Error Signalling
Acknowledgment
Serialization/Deserialization
Physical Layer
PLS (Physical Signalling)
Bit Encoding/Decoding
Bit Timing
Synchronization
PMA (Physical Medium Attachment)
Driver/Receiver Characteristics
MDI (Medium Dependent Interface)
Connectors
Fault
confinement
(MAC-LME)
Bus Failure
management
(PLS-LME)
Supervisor
Regions implemented
by the MCP2140
Has to be implemented in Host
Controller firmware
Regions implemented
by the Optical Transceiver logic
(such as a PICmicro®
microcontroller)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com