Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2140T-ISO Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2140T-ISO
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140T-ISO Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2140T-ISO Datasheet HTML 23Page - Microchip Technology MCP2140T-ISO Datasheet HTML 24Page - Microchip Technology MCP2140T-ISO Datasheet HTML 25Page - Microchip Technology MCP2140T-ISO Datasheet HTML 26Page - Microchip Technology MCP2140T-ISO Datasheet HTML 27Page - Microchip Technology MCP2140T-ISO Datasheet HTML 28Page - Microchip Technology MCP2140T-ISO Datasheet HTML 29Page - Microchip Technology MCP2140T-ISO Datasheet HTML 30Page - Microchip Technology MCP2140T-ISO Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21790A-page 27
MCP2140
4.1
DC Characteristics
DC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40
°C ≤ TA ≤ +85°C (industrial)
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
D001
VDD
Supply Voltage
3.0
—
5.5
V
See Figure 4-1
D002
VDR
RAM Data Retention
Voltage (2)
2.0
—
—
V
Device Oscillator/Clock stopped
D003
VPOR
VDD Start Voltage to
ensure Power-on Reset
—
VSS
—
V
D004
SVDD
VDD Rise Rate to
ensure Power-on Reset
0.05
—
—
V/ms
D010
D010A
IDD
Supply Current (3, 4)
—
—
—
25
2.2
60
mA
µA
VDD = 3.0V, PHACT = H
VDD = 3.0V, PHACT = L
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design
guidance only and is not tested.
2: This is the limit to which VDD can be lowered without losing RAM data.
3: When the device is in IR communication (PHACT pin is high), supply current is mainly a function of the
operating voltage and frequency. Pin loading, pin rate and temperature have an impact on the current con-
sumption.The test conditions for all IDD measurements are made when device is:
OSC1 = external square wave, from rail-to-rail; all input pins pulled to VSS, RXIR = VDD, RESET = VDD;
4: When the device is in low power mode (PHACT pin is low), current is measured with all input pins tied to
VDD or VSS and the output pins driving a high or low level into infinite impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com