Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC08 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 288 page
background image
General Description
Data Sheet
MC68HC908BD48 — Rev. 2.1
26
General Description
Freescale Semiconductor
•
Low-power design; fully static with stop and wait modes
•
5V operating voltage
•
6MHz internal bus frequency; with 24MHz external crystal
•
48,128 bytes of on-chip FLASH memory
•
1,024 bytes of on-chip random access memory (RAM)
•
Sync signal processor with the following features:
–
Horizontal and vertical frequency counters
–
Low vertical frequency indicator (40.7Hz)
–
Polarity controlled Hsync and Vsync outputs from separate
sync or composite sync inputs
–
Internal generated free-running Hsync and Vsync pulses
–
CLAMP pulse output to the external pre-amp chip
•
6-channel, 8-bit analog-to-digital converter (ADC)
•
16-channel, 8-bit pulse width modulator (PWM)
•
Full universal serial bus (USB) specification 1.0 compliant low-
speed bus with 3 endpoints:
–
1 Control endpoint (two 8-byte buffer)
–
2 Interrupt endpoints (one 8-byte buffer shared)
•
On-chip 3.3V regulator for USB pull-up resistor
•
DDC12AB1 module with the following:
–
DDC1 hardware
–
Multi-master IIC2 hardware for DDC2AB; with dual address
•
Additional multi-master IIC module
•
16-bit, 2-channel timer interface modules (TIM) with selectable
input capture, output compare, and PWM capability on one
channel
•
32 general purpose input/output (I/O) pins, including:
–
4 open-drain pins
1. DDC is a VESA bus standard.
2. IIC is a proprietary Philips interface bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com