Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25LC010A-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # 25LC010A-E/MS
Description  1K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC010A-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25LC010A-E/MS Datasheet HTML 7Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 8Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 9Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 10Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 11Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 12Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 13Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 14Page - Microchip Technology 25LC010A-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS21832C-page 11
25AA010A/25LC010A
2.6
Write Status Register Instruction
(WRSR)
The Write Status Register instruction (WRSR) allows the
user to write to the nonvolatile bits in the STATUS reg-
ister as shown in Table 2-2. See Figure 2-7 for the
WRSR
timing sequence. Four levels of protection for the
array are selectable by writing to the appropriate bits in
the STATUS register. The user has the ability to write-
protect none, one, two or all four of the segments of the
array as shown in Table 2-3.
TABLE 2-3:
ARRAY PROTECTION
FIGURE 2-7:
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
BP1
BP0
Array Addresses
Write-Protected
00
none
01
upper 1/4
(60h-7Fh)
10
upper 1/2
(40h-7Fh)
11
all
(00h-7Fh)
SO
SI
CS
9
1011
12131415
01
0
0
0
0
00
76
5
4
21
0
instruction
data to STATUS register
high-impedance
SCK
0
2
34
56
7
1
8
3
Note:
An internal write cycle (TWC) is initiated on the rising edge of CS after a valid write STATUS register
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com