Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS5162 Datasheet(PDF) 4 Page - Microchip Technology

Part # PS5162
Description  Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5162 Datasheet(HTML) 4 Page - Microchip Technology

  PS5162 Datasheet HTML 1Page - Microchip Technology PS5162 Datasheet HTML 2Page - Microchip Technology PS5162 Datasheet HTML 3Page - Microchip Technology PS5162 Datasheet HTML 4Page - Microchip Technology PS5162 Datasheet HTML 5Page - Microchip Technology PS5162 Datasheet HTML 6Page - Microchip Technology PS5162 Datasheet HTML 7Page - Microchip Technology PS5162 Datasheet HTML 8Page - Microchip Technology PS5162 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PS5162
DS21842B-page 4
 2004 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
2.1
PS501 Fuel Gauge
The module fuel gauge provides State-Of-Charge
(SOC) and battery status data in accordance with the
SMBus standards version 1.1. The PS501 monitors the
cell voltages, battery temperature and current to deter-
mine SOC and battery status. The State-Of-Charge
calculations are compensated for cell self-discharge.
The remaining time calculation is compensated for
temperature and discharge rate. The parameters for
determining battery status flags and alarm thresholds
are all programmable, as is the battery design capacity
and the battery performance model data. Please refer
to the “PS501 Data Sheet” (DS21818) for details on
configuring the PS501 device.
2.2
Primary Safety
The primary safety circuit provides cell protection from
conditions of overcharge, overdischarge and over-
current. The analog safety IC measures individual cell
voltages, current and voltage across the safety FETs.
These values are compared against internal reference
values and the gates of two N-channel power
MOSFETs are controlled based on the comparison
results.
3.0
BOARD DESCRIPTION
PCB schematics and bill of materials are included here
for completeness. To download the full size schematic
and BOM, please visit the Microchip web site.
3.1
Mechanical Dimensions
Overall Dimensions: 2165 mils x 339 mils



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com