Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4921-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP4921-E/P
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4921-E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP4921-E/P Datasheet HTML 1Page - Microchip Technology MCP4921-E/P Datasheet HTML 2Page - Microchip Technology MCP4921-E/P Datasheet HTML 3Page - Microchip Technology MCP4921-E/P Datasheet HTML 4Page - Microchip Technology MCP4921-E/P Datasheet HTML 5Page - Microchip Technology MCP4921-E/P Datasheet HTML 6Page - Microchip Technology MCP4921-E/P Datasheet HTML 7Page - Microchip Technology MCP4921-E/P Datasheet HTML 8Page - Microchip Technology MCP4921-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21897B-page 5
MCP4921/4922
Gain Error
gE
—
-0.10
—
% of FSR
Code 0xFFFh, not including offset
error
Gain Error Temperature
Coefficient
ΔG/°C
—
-3
—
ppm/°C
Input Amplifier (VREF Input)
Input Range - Buffered Mode
VREF
—
0.040 to
VDD-
0.040
—V
Note 1
Code = 2048,
VREF = 0.2v p-p, f = 100 Hz and 1 kHz
Input Range - Unbuffered
Mode
VREF
0—
VDD
V
Input Impedance
RVREF
—
174
—
k
Ω
Unbuffered Mode
Input Capacitance -
Unbuffered Mode
CVREF
—7
—
pF
Multiplying Mode
-3 dB Bandwidth
fVREF
—
450
—
kHz
VREF = 2.5V ±0.1 Vp-p, Unbuffered,
G=1
fVREF
—
400
—
kHz
VREF = 2.5V ±0.1 Vp-p, Unbuffered,
G = 2
Multiplying Mode - Total
Harmonic Distortion
THDVREF
——
—
dB
VREF = 2.5V ±0.1Vp-p,
Frequency = 1 kHz
Output Amplifier
Output Swing
VOUT
—
0.010 to
VDD –
0.040
—
Accuracy is better than 1 LSB for
VOUT = 10 mV to (VDD – 40 mV)
Phase Margin
θm
—
66
—
degrees
Slew Rate
SR
—
0.55
—
V/µs
Short Circuit Current
ISC
—17—
mA
Settling Time
tsettling
—
4.5
—
µs
Within 1/2 LSB of final value from 1/4
to 3/4 full-scale range
Dynamic Performance
DAC to DAC Crosstalk
—
10
—
nV-s
Note 2
Major Code Transition Glitch
—
45
—
nV-s
1 LSB change around major carry
(0111...1111 to 1000...0000)
Digital Feedthrough
—
10
—
nV-s
Note 2
Analog Crosstalk
—
10
—
nV-s
Note 2
5V EXTENDED TEMPERATURE SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 5V, AVSS = 0V, VREF = 2.048V, output buffer gain (G) = 2x, RL = 5 kΩ
to GND, CL = 100 pF. Typical values at +125°C by characterization or simulation.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
By design, not production tested.
2:
Too small to quantify.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com