Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC4426M Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4426M
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426M Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4426M Datasheet HTML 2Page - Microchip Technology TC4426M Datasheet HTML 3Page - Microchip Technology TC4426M Datasheet HTML 4Page - Microchip Technology TC4426M Datasheet HTML 5Page - Microchip Technology TC4426M Datasheet HTML 6Page - Microchip Technology TC4426M Datasheet HTML 7Page - Microchip Technology TC4426M Datasheet HTML 8Page - Microchip Technology TC4426M Datasheet HTML 9Page - Microchip Technology TC4426M Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC4426M/TC4427M/TC4428M
DS21938A-page 6
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25ºC with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Propagation Delay Time vs.
Input Amplitude.
FIGURE 2-8:
Supply Current vs. Supply
Voltage.
FIGURE 2-9:
Output Resistance (ROH) vs.
Supply Voltage.
FIGURE 2-10:
Propagation Delay Time vs.
Temperature.
FIGURE 2-11:
Supply Current vs.
Temperature.
FIGURE 2-12:
Output Resistance (ROL) vs.
Supply Voltage.
10
15
20
25
30
35
40
45
50
55
60
012
3456789
10
11
12
Input Amplitude (V)
tD1
tD2
CLOAD = 1000 pF
VDD = 12V
4
18
6
8
10
12
14
16
0.1
BOTH INPUTS = 1
BOTH INPUTS = 0
VDD
1
46
8
10
12
14
16
18
VDD
20
25
15
10
8
5
WORST CASE @ TJ = +150 C
TYP @ TA = +25 C
10
15
20
25
30
35
40
45
-55
-35
-15
5
25
45
65
85
105 125
Temperature (ºC)
tD1
tD2
CLOAD = 1000 pF
VIN = 5V
VDD = 18V
TA ( C)
4.0
3.5
3.0
2.5
2.0
–55 –35 –15
5
25
45
65
85
105 125
V
= 18V
DD
BOTH INPUTS = 1
46
8
10
12
14
16
18
20
VDD
25
15
10
8
5
WORST CASE @ TJ = +150 C
TYP @ TA = +25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com