Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC4426AM Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4426AM
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426AM Datasheet(HTML) 1 Page - Microchip Technology

  TC4426AM_05 Datasheet HTML 1Page - Microchip Technology TC4426AM_05 Datasheet HTML 2Page - Microchip Technology TC4426AM_05 Datasheet HTML 3Page - Microchip Technology TC4426AM_05 Datasheet HTML 4Page - Microchip Technology TC4426AM_05 Datasheet HTML 5Page - Microchip Technology TC4426AM_05 Datasheet HTML 6Page - Microchip Technology TC4426AM_05 Datasheet HTML 7Page - Microchip Technology TC4426AM_05 Datasheet HTML 8Page - Microchip Technology TC4426AM_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21939A-page 1
TC4426AM/TC4427AM/TC4428AM
Features
• High Peak Output Current: 1.5A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability:
- 1000 pF in 25 ns (typ.)
• Short Delay Times: 30 ns (typ.)
• Matched Rise, Fall and Delay Times
• Low Supply Current:
- With Logic ‘1’ Input – 1 mA (typ.)
- With Logic ‘0’ Input – 100 µA (typ.)
• Low Output Impedance: 7
Ω (typ.)
• Latch-Up Protected: Will Withstand 0.5A Reverse
Current
• Input: Will Withstand Negative Inputs Up to 5V
• ESD Protected: 4 kV
• Pin-compatible with the
TC426M/TC427M/TC428M and
TC4426M/TC4427M/TC4428M
• Wide Operating Temperature Range:
- -55°C to +125°C
• See TC4426A/TC4427A/TC4428A Data Sheet
(DS21423) for additional temperature range and
packaging offerings
Applications
• Switch-mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
General Description
The TC4426AM/TC4427AM/TC4428AM are improved
versions of the earlier TC4426M/TC4427M/TC4428M
family of MOSFET drivers. In addition to matched rise
and fall times, the TC4426AM/TC4427AM/TC4428AM
devices have matched leading and falling edge
propagation delay times.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin.
They can accept, without damage or logic upset, up to
500 mA of reverse current (of either polarity) being
forced back into their outputs. All terminals are fully
protected against Electrostatic Discharge (ESD) up to
4kV.
The
TC4426AM/TC4427AM/TC4428AM
MOSFET
drivers can easily charge/discharge 1000 pF gate
capacitances in under 30 ns, while providing low
enough impedances in both the on and off states to
ensure the MOSFET's intended state will not be
affected, even by large transients.
Package Types
8-Pin CERDIP
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
TC4426AM TC4427AM
NC
OUT A
OUT B
VDD
TC4428AM
NC
OUT A
OUT B
VDD
1.5A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC4426AM_05

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4426AMJA TELCOM-TC4426AMJA Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426AMJA MICROCHIP-TC4426AMJA Datasheet
501Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4426AM MICROCHIP-TC4426AM_13 Datasheet
221Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
More results

Similar Description - TC4426AM_05

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com