Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6271RT-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6271RT-E/P
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271RT-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6271RT-E/P Datasheet HTML 7Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 8Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 9Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 10Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 11Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 12Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 13Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 14Page - Microchip Technology MCP6271RT-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 11
MCP6271/1R/2/3/4/5
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
3.1
Analog Outputs
The output pins are low impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high
impedance CMOS inputs with low bias currents.
3.3
MCP6275’s VOUTA/VINB+ Pin
For the MCP6275 only, the output of op amp A is
connected directly to the non-inverting input of op amp
B; this is the VOUTA/VINB+ pin. This connection makes
it possible to provide a CS pin for duals in 8-pin
packages.
3.4
CS Digital Input
This is a CMOS, Schmitt triggered input that places the
part into a low power mode of operation.
3.5
Power Supply (VSS and VDD)
The positive power supply (VDD) is 2.0V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1 µF) within 2 mm of the VDD pin. These parts need
to use a bulk capacitor (within 100 mm), which can be
shared with nearby analog parts.
MCP6271
(PDIP, SOIC, MSOP)
MCP6271
(SOT-23-5)
MCP6271R
(SOT-23-5)
MCP6273
(PDIP, SOIC, MSOP)
MCP6273
(SOT-23-6)
Symbol
Description
24
4
2
4
VIN–
Inverting Input
33
3
3
3
VIN+
Non-inverting Input
42
5
4
2
VSS
Negative Power Supply
61
1
6
1
VOUT
Analog Output
75
2
7
6
VDD
Positive Power Supply
——
—
8
5
CS
Chip Select
1,5,8
—
—
1,5
—
NC
No Internal Connection
MCP6272
MCP6274
MCP6275
Symbol
Description
11
—
VOUTA
Analog Output (op amp A)
22
2
VINA–
Inverting Input (op amp A)
33
3
VINA+
Non-inverting Input (op amp A)
84
8
VDD
Positive Power Supply
55
—
VINB+
Non-inverting Input (op amp B)
66
6
VINB–
Inverting Input (op amp B)
77
7
VOUTB
Analog Output (op amp B)
—8
—
VOUTC
Analog Output (op amp C)
—9
—
VINC–
Inverting Input (op amp C)
—10—
VINC+
Non-inverting Input (op amp C)
4114
VSS
Negative Power Supply
—12—
VIND+
Non-inverting Input (op amp D)
—13—
VIND–
Inverting Input (op amp D)
—14—
VOUTD
Analog Output (op amp D)
——
1
VOUTA /VINB+
Analog Output (op amp A)/Non-inverting Input (op amp B)
——
5
CS
Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com