Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3906A Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3906A
Description  Energy Metering ICs with Active Real Power Pulse Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906A Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3906A Datasheet HTML 12Page - Microchip Technology MCP3906A Datasheet HTML 13Page - Microchip Technology MCP3906A Datasheet HTML 14Page - Microchip Technology MCP3906A Datasheet HTML 15Page - Microchip Technology MCP3906A Datasheet HTML 16Page - Microchip Technology MCP3906A Datasheet HTML 17Page - Microchip Technology MCP3906A Datasheet HTML 18Page - Microchip Technology MCP3906A Datasheet HTML 19Page - Microchip Technology MCP3906A Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MCP3905A/05L/06A
DS22011A-page 16
© 2006 Microchip Technology Inc.
The
high-frequency
output
HFOUT has lower
integration times and, thus, higher frequencies. The
output frequency value can be calculated with the
following equation:
EQUATION 4-2:
HFOUT FREQUENCY
OUTPUT EQUATION
The constant HFC depends on the FOUT0 and FOUT1
digital settings with the Table 4-4.
The detailed timings of the output pulses are described
in the Timing Characteristics table (see Section 1.0
“Electrical Characteristics” and Figure 1-1).
MINIMAL OUTPUT FREQUENCY FOR
NO-LOAD THRESHOLD
The MCP3905A/05L/06A devices also include, on
each output frequency, a no-load threshold circuit that
will eliminate any creep effects in the meter. The
outputs will not show any pulse if the output frequency
falls below the no-load threshold. The minimum output
frequency on FOUT0/1 and HFOUT is equal to 0.0015%
of the maximum output frequency (respectively FC and
HFC) for each of the F2, F1 and F0 selections (see
Table 4-3 and Table 4-4); except when F2, F1,
F0 = 011. In this last configuration, the no-load
threshold feature is disabled. The selection of FC will
determine the start-up current load. In order to respect
the IEC standards requirements, the meter will have to
be designed to allow start-up currents compatible with
the standards by choosing the FC value matching
these requirements. For additional applications
information on no-load threshold, startup current and
other meter design points, refer to AN994, "IEC
Compliant Active Energy Meter Design Using The
MCP3905/6”, (DS00994).
TABLE 4-3:
MCP3905L OUTPUT FREQUENCY SETTINGS
TABLE 4-4:
MCP3905A/06A OUTPUT FREQUENCY SETTINGS
HFOUT Hz
()
8.06 V0
×
V1 G
×
×
HFC
×
VREF
()
2
----------------------------------------------------------------
=
Where:
V0 is the RMS differential voltage on channel 0
V1 is the RMS differential voltage on channel 1
G is the PGA gain on channel 0 (current channel)
HFC is the frequency constant selected
VREF is the voltage reference
F2
F1
F0
HFC
HFC (Hz)
HFC (Hz),
MCLK=
3.58 MHz
HFOUT (Hz), w/
full scale AC
inputs
FC (Hz)
FC (Hz),
MCLK=
3.58 MHz
00
0
64XFC
MCLK/215
109.25
23.71
MCLK/221
1.71
00
1
32XFC
MCLK/215
109.25
23.71
MCLK/220
3.41
01
0
16XFC
MCLK/215
109.25
23.71
MCLK/219
6.83
01
1
2048XFC
MCLK/27
27968.75
6070.12
MCLK/218
13.66
10
0
8XFC
MCLK/216
54.62
11.85
MCLK/219
6.83
10
1
64XFC
MCLK/216
54.62
11.85
MCLK/222
0.85
11
0
32XFC
MCLK/216
54.62
11.85
MCLK/221
1.71
11
1
16XFC
MCLK/216
54.62
11.85
MCLK/220
3.41
F2
F1
F0
HFC
HFC (Hz)
HFC (Hz),
MCLK=
3.58 MHz
HFOUT (Hz), w/
full scale AC
inputs
FC (Hz)
FC (Hz),
MCLK=
3.58 MHz
00
0
64XFC
MCLK/215
109.25
23.71
MCLK/221
1.71
00
1
32XFC
MCLK/215
109.25
23.71
MCLK/220
3.41
01
0
16XFC
MCLK/215
109.25
23.71
MCLK/219
6.83
01
1
2048XFC
MCLK/27
27968.75
6070.12
MCLK/218
13.66
10
0
128XFC
MCLK/214
219.51
47.42
MCLK/221
1.71
10
1
64XFC
MCLK/214
219.51
47.42
MCLK/220
3.41
11
0
32XFC
MCLK/214
219.51
47.42
MCLK/219
6.83
11
1
16XFC
MCLK/214
219.51
47.42
MCLK/218
13.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com