Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3909T-I/SS Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP3909T-I/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909T-I/SS Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP3909T-I/SS Datasheet HTML 30Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 31Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 32Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 33Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 34Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 35Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 36Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 37Page - Microchip Technology MCP3909T-I/SS Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
MCP3909
DS22025A-page 34
© 2006 Microchip Technology Inc.
24-Lead Plastic Shrink Small Outline (SS) (SSOP)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
2
1
D
p
n
B
E1
E
L
c
φ
A2
A1
A
NOM
INCHES
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed.010" (0.254mm) per side.
Overall Length
Overall Width
Overall Height
Number of Pins
Lead Width
Foot Angle
Lead Thickness
Foot Length
Molded Package Width
Molded Package Thickness
JEDEC Equivalent: MO-150
Drawing No. C04-132
* Controlling Parameter
Notes:
Standoff
Pitch
φ
B
c
L
0°
.010
.004
.025
Units
Dimension Limits
MIN
A
E
E1
D
A2
A1
n
p
.068
.318
.205
.301
.002
.066
MILLIMETERS*
–
4°
.006
.030
.015
.037
8°
–
0.25
0.09
0.63
0°
0.15
0.75
4°
–
.073
.068
.323
.209
.307
.005
.026 BSC.
24
.078
.070
.008
.328
.212
.311
MAX
1.73
8.07
5.20
7.65
0.05
1.68
MIN
1.86
0.13
8.20
5.30
7.80
1.73
0.65 BSC.
NOM
24
8°
0.38
–
0.95
1.78
1.99
0.21
8.33
5.38
7.90
MAX
Revised 9-14-05
See ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com