Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1403T-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1403T-E/P
Description  4.5A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1403T-E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP1403T-E/P Datasheet HTML 1Page - Microchip Technology MCP1403T-E/P Datasheet HTML 2Page - Microchip Technology MCP1403T-E/P Datasheet HTML 3Page - Microchip Technology MCP1403T-E/P Datasheet HTML 4Page - Microchip Technology MCP1403T-E/P Datasheet HTML 5Page - Microchip Technology MCP1403T-E/P Datasheet HTML 6Page - Microchip Technology MCP1403T-E/P Datasheet HTML 7Page - Microchip Technology MCP1403T-E/P Datasheet HTML 8Page - Microchip Technology MCP1403T-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2007 Microchip Technology Inc.
DS22022B-page 5
MCP1403/4/5
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs. Input
Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10
20
30
40
50
60
70
80
90
100
4
6
8
10
12
14
16
18
Supply Voltage (V)
6800 pF
4700 pF
2200 pF
1800 pF
10
20
30
40
50
60
70
80
1000
10000
Capacitive Load (pF)
5V
18V
12V
12
14
16
18
20
22
24
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
tFALL
tRISE
CLOAD = 1800 pF
10
20
30
40
50
60
70
80
90
100
4
6
8
10
12
14
16
18
Supply Voltage (V)
6800 pF
4700 pF
2200 pF
1800 pF
10
20
30
40
50
60
70
80
90
100
1000
10000
Capacitive Load (pF)
5V
18V
12V
35
60
85
110
135
160
2
345
67
89
10
Input Amplitude (V)
tD1
tD2
VDD = 12V
CLOAD = 1800 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com