Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703-2502E/CD Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1703-2502E/CD
Description  250 mA, 16V, Low Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703-2502E/CD Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1703-2502E/CD Datasheet HTML 10Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 11Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 12Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 13Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 14Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 15Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 16Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 17Page - Microchip Technology MCP1703-2502E/CD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MCP1703
DS22049A-page 14
© 2007 Microchip Technology Inc.
6.3
Voltage Regulator
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
are calculated in the following example. The power
dissipation, as a result of ground current, is small
enough to be neglected.
6.3.1
POWER DISSIPATION EXAMPLE
Device Junction Temperature Rise
The internal junction temperature rise is a function of
internal power dissipation and the thermal resistance
from junction to ambient for the application. The thermal
resistance from junction to ambient (R
θ
JA) is derived
from an EIA/JEDEC standard for measuring thermal
resistance for small surface mount packages. The EIA/
JEDEC specification is JESD51-7, “High Effective Ther-
mal Conductivity Test Board for Leaded Surface Mount
Packages”. The standard describes the test method
and board specifications for measuring the thermal
resistance from junction to ambient. The actual thermal
resistance for a particular application can vary depend-
ing on many factors, such as copper area and thick-
ness. Refer to AN792, “A Method to Determine How
Much Power a SOT23 Can Dissipate in an Application”,
(DS00792),
for
more
information
regarding
this
subject.
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below.
Maximum Package Power Dissipation at +40°C
Ambient Temperature
6.4
Voltage Reference
The MCP1703 can be used not only as a regulator, but
also as a low quiescent current voltage reference. In
many microcontroller applications, the initial accuracy
of the reference can be calibrated using production test
equipment or by using a ratio measurement. When the
initial accuracy is calibrated, the thermal stability and
line regulation tolerance are the only errors introduced
by the MCP1703 LDO. The low-cost, low quiescent
current and small ceramic output capacitor are all
advantages when using the MCP1703 as a voltage
reference.
FIGURE 6-2:
Using the MCP1703 as a
Voltage Reference.
6.5
Pulsed Load Applications
For some applications, there are pulsed load current
events that may exceed the specified 250 mA
maximum specification of the MCP1703. The internal
current limit of the MCP1703 will prevent high peak
load demands from causing non-recoverable damage.
The 250 mA rating is a maximum average continuous
rating. As long as the average current does not exceed
250 mA, pulsed higher load currents can be applied to
the MCP1703
. The typical current limit for the
MCP1703 is 500 mA (TA +25°C).
Package
Package Type = SOT-23A
Input Voltage
VIN = 2.7V to 4.8V
LDO Output Voltages and Currents
VOUT =1.8V
IOUT =50 mA
Maximum Ambient Temperature
TA(MAX) = +40°C
Internal Power Dissipation
Internal Power dissipation is the product of the LDO
output current times the voltage across the LDO
(VIN to VOUT).
PLDO(MAX) =(VIN(MAX) - VOUT(MIN)) x IOUT(MAX)
PLDO = (4.8V - (0.97 x 1.8V)) x 50 mA
PLDO = 152.7 milli-Watts
TJ(RISE) =PTOTAL x RqJA
TJRISE = 152.7 milli-Watts x 336.0°C/Watt
TJRISE = 51.3°C
TJ =TJRISE + TA(MAX)
TJ = 91.3°C
SOT-23A (336.0°C/Watt = R
θ
JA)
PD(MAX) = (125°C - 40°C) / 336°C/W
PD(MAX) = 253 milli-Watts
SOT-89 (75°C/Watt = R
θ
JA)
PD(MAX) = (125°C - 40°C) / 75°C/W
PD(MAX) = 1.133 Watts
SOT-223 (62.9°C/Watt = R
θ
JA)
PD(MAX) = (125°C - 40°C) / 62.9°C/W
PD(MAX) = 1.35 Watts
PIC®
MCP1703
GND
VIN
CIN
1µF
COUT
1µF
Bridge Sensor
VOUT
VREF
ADO
AD1
Ratio Metric Reference
2 µA Bias
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com