Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 69Page - Microchip Technology PIC17C752 Datasheet HTML 70Page - Microchip Technology PIC17C752 Datasheet HTML 71Page - Microchip Technology PIC17C752 Datasheet HTML 72Page - Microchip Technology PIC17C752 Datasheet HTML 73Page - Microchip Technology PIC17C752 Datasheet HTML 74Page - Microchip Technology PIC17C752 Datasheet HTML 75Page - Microchip Technology PIC17C752 Datasheet HTML 76Page - Microchip Technology PIC17C752 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 304 page
background image
 2000 Microchip Technology Inc.
DS30289B-page 73
PIC17C7XX
FIGURE 10-3:
RA3 BLOCK DIAGRAM
FIGURE 10-4:
RA4 AND RA5 BLOCK
DIAGRAM
TABLE 10-1:
PORTA FUNCTIONS
TABLE 10-2:
REGISTERS/BITS ASSOCIATED WITH PORTA
Note: I/O pin has protection diodes to VSS.
Data Bus
WR_PORTA
(Q4)
QD
Q
CK
RD_PORTA
(Q2)
Q
D
EN
Peripheral Data In
SDA Out
SSP Mode
’1’
Note: I/O pins have protection diodes to VDD and VSS.
Data Bus
RD_PORTA
(Q2)
Serial Port Output Signals
Serial Port Input Signal
OE = SPEN,SYNC,TXEN, CREN, SREN for RA4
OE = SPEN (SYNC+SYNC, CSRC) for RA5
Name
Bit0
Buffer Type
Function
RA0/INT
bit0
ST
Input or external interrupt input.
RA1/T0CKI
bit1
ST
Input or clock input to the TMR0 timer/counter and/or an external interrupt
input.
RA2/SS/SCL
bit2
ST
Input/output or slave select input for the SPI, or clock input for the I2C bus.
Output is open drain type.
RA3/SDI/SDA
bit3
ST
Input/output or data input for the SPI, or data for the I2C bus.
Output is open drain type.
RA4/RX1/DT1
bit4
ST
Input or USART1 Asynchronous Receive input, or
USART1 Synchronous Data input/output.
RA5/TX1/CK1
bit5
ST
Input or USART1 Asynchronous Transmit output, or
USART1 Synchronous Clock input/output.
RBPU
bit7
—
Control bit for PORTB weak pull-ups.
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR, WDT
10h, Bank 0
PORTA(1)
RBPU
—
RA5/
TX1/CK1
RA4/
RX1/DT1
RA3/
SDI/SDA
RA2/
SS/SCL
RA1/T0CKI
RA0/INT
0-xx 11xx
0-uu 11uu
05h, Unbanked
T0STA
INTEDG
T0SE
T0CS
T0PS3
T0PS2
T0PS1
T0PS0
—
0000 000-
0000 000-
13h, Bank 0
RCSTA1
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
15h, Bank 0
TXSTA1
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
Legend: x = unknown, u = unchanged, - = unimplemented, reads as '0'. Shaded cells are not used by PORTA.
Note 1: On any device RESET, these pins are configured as inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com