Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1702-1502E/TO Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1702-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1502E/TO Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1702-1502E/TO Datasheet HTML 18Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 19Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 20Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 21Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 22Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 23Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 24Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 25Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22008B-page 23
MCP1702
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1702: 2 µA Low Dropout Positive Voltage Regulator
Tape and Reel:
T
= Tape and Reel
Output Voltage *:
12
= 1.2V “Standard”
15
= 1.5V “Standard”
18
= 1.8V “Standard”
25
= 2.5V “Standard”
28
= 2.8V “Standard”
30
= 3.0V “Standard”
33
= 3.3V “Standard”
40
= 4.0V “Standard”
50
= 5.0V “Standard”
*Contact factory for other output voltage options.
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2.0% (Standard)
Temperature:
E
= -40
°C to +125°C
Package Type:
CB = 3-Pin SOT-23A (equivalent to EIAJ SC-59)
MB = 3-Pin SOT-89
TO = 3-Pin TO-92
PART NO.
X
XX
Output Feature
Code
Device
Voltage
X
Tolerance
X/
Temp.
XX
Package
X-
Tape
and Reel
Examples:
a)
MCP1702T-1202E/CB: 1.2V LDO Positive
Voltage Regulator,
SOT-23A-3 pkg.
b)
MCP1702T-1802E/MB: 1.8V LDO Positive
Voltage Regulator,
SOT-89-3 pkg.
c)
MCP1702T-2502E/CB: 2.5V LDO Positive
Voltage Regulator,
SOT-23A-3 pkg.
d)
MCP1702T-3002E/CB: 3.0V LDO Positive
Voltage Regulator,
SOT-23A-3 pkg.
e)
MCP1702T-3002E/MB: 3.0V LDO Positive
Voltage Regulator,
SOT-89-3 pkg.
f)
MCP1702T-3302E/CB: 3.3V LDO Positive
Voltage Regulator,
SOT-23A-3 pkg.
g)
MCP1702T-3302E/MB: 3.3V LDO Positive
Voltage Regulator,
SOT-89-3 pkg.
h)
MCP1702T-4002E/CB: 4.0V LDO Positive
Voltage Regulator,
SOT-23A-3 pkg.
i)
MCP1702-5002E/TO:
5.0V LDO Positive
Voltage Regulator,
TO-92 pkg.
j)
MCP1702T-5002E/CB: 5.0V LDO Positive
Voltage Regulator,
SOT-23A-3 pkg.
k)
MCP1702T-5002E/MB: 5.0V LDO Positive
Voltage Regulator,
SOT-89-3 pkg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com