Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603-ADJI/OS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1603-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603-ADJI/OS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1603-ADJI/OS Datasheet HTML 18Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 19Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 20Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 21Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 22Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 23Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 24Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 25Page - Microchip Technology MCP1603-ADJI/OS Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22042A-page 23
MCP1603
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1603: 2.0 MHz, 500 mA Buck Regulator
TSOT Pin
Config. Designator *
Blank = Standard pinout
L
= Alternate pinout
* Refer to Package Types for an explanation regarding the
function of the device pins.
Tape and Reel:
T
= Tape and Reel
Blank = Tube
Voltage Option:
ADJ = Adjustable
120 = 1.20V “Standard”
150 = 1.50V “Standard”
180 = 1.80V “Standard”
250 = 2.50V “Standard”
330 = 3.30V “Standard”
Temperature:
I
= -40
°C to +85°C
Package Type:
MC = Plastic Dual-Flat No-Lead Package (MC), 8-Lead
OS = Plastic Thin Small Outline Transistor (OS), 5-Lead
PART NO.
XXX
X
Tape
Voltage
Option
Device
and Reel
X
Temp.
XX
Package
X
TSOT
Config.
Examples:
8-Lead DFN:
a)
MCP1603-120I/MC: 1.20V Buck Reg.,
8LD-DFN pkg.
b)
MCP1603-150I/MC: 1.50V Buck Reg.,
8LD-DFN pkg.
c)
MCP1603-180I/MC: 1.80V Buck Reg.,
8LD-DFN pkg.
d)
MCP1603-250I/MC: 2.50V Buck Reg.,
8LD-DFN pkg.
e)
MCP1603-330I/MC: 3.30V Buck Reg.,
8LD-DFN pkg.
5-Lead TSOT:
a)
MCP1603T-120I/OS: 1.20V Buck Reg.,
5LD-TSOT pkg.
b)
MCP1603T-180I/OS: 1.80V Buck Reg.,
5LD-TSOT pkg.
c)
MCP1603T-250I/OS: 2.50V Buck Reg.,
5LD-TSOT pkg.
d)
MCP1603T-330I/OS: 3.30V Buck Reg.,
5LD-TSOT pkg.
e)
MCP1603T-ADJI/OS: Adj. Buck Reg.,
5LD-TSOT pkg.
f)
MCP1603LT-250I/OS:2.50V Buck Reg.,
5LD-TSOT pkg.
g)
MCP1603LT-ADJI/OS:Adj. Buck Reg.,
5LD-TSOT pkg.
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com