Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603LT-150I/OS Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1603LT-150I/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603LT-150I/OS Datasheet(HTML) 2 Page - Microchip Technology

  MCP1603LT-150I/OS Datasheet HTML 1Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 2Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 3Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 4Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 5Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 6Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 7Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 8Page - Microchip Technology MCP1603LT-150I/OS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MCP1603
DS22042A-page 2
© 2007 Microchip Technology Inc.
Typical Application Circuit
VIN
SHDN
GND
VFB
LX
VIN
2.7V To 4.5V
VOUT
1.8V @ 500 mA
COUT
4.7 µF
CIN
4.7 µF
L1
4.7 µH
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
Output Current (mA)
VOUT = 1.8V
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com