Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1702T-4002E/TO Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1702T-4002E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702T-4002E/TO Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1702T-4002E/TO Datasheet HTML 15Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 16Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 17Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 18Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 19Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 20Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 21Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 22Page - Microchip Technology MCP1702T-4002E/TO Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22008B-page 19
MCP1702
3-Lead Plastic Transistor Outline (TO) [TO-92]
Notes:
1. Dimensions A and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" per side.
2. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
INCHES
Dimension Limits
MIN
MAX
Number of Pins
N
3
Pitch
e
.050 BSC
Bottom to Package Flat
D
.125
.165
Overall Width
E
.175
.205
Overall Length
A
.170
.210
Molded Package Radius
R
.080
.105
Tip to Seating Plane
L
.500
–
Lead Thickness
c
.014
.021
Lead Width
b
.014
.022
E
A
N
1
L
b
e
c
R
D
1 2
3
Microchip Technology Drawing C04-101B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com