| Electronic Components Datasheet Search |
|
MP111-195E/MB Datasheet(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MP111-195E/MB Datasheet(HTML) 5 Page - Microchip Technology |
|
5 / 26 page ![]() © 2005 Microchip Technology Inc. DS21889D-page 5 MCP111/112 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111; see Figure 4-1), TA = -40°C to +125°C. FIGURE 2-1: IDD vs. Temperature (MCP111-195). FIGURE 2-2: IDD vs. Temperature (MCP112-300). FIGURE 2-3: IDD vs. Temperature (MCP112-475). FIGURE 2-4: IDD vs. VDD (MCP111-195). FIGURE 2-5: IDD vs. VDD (MCP112-300). FIGURE 2-6: IDD vs. VDD (MCP112-475). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Temperature (°C) 1.7V 1.0V 2.1V 2.8V 4.0V 5.0V 5.5V MCP111-195 0 0.2 0.4 0.6 0.8 1 1.2 Temperature (°C) 1.7V 1.0V 2.1V 2.8V 4.0V 5.0V MCP112-300 5.5V 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 Temperature (°C) 1.7V 1.0V 2.1V 2.8V 4.0V 5.0V 5.5V MCP112-475 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.02.0 3.04.0 5.06.0 VDD (V) -40°C +25°C +85°C +125°C MCP111-195 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.0 2.0 3.0 4.0 5.0 6.0 V DD (V) MCP112-300 -40°C +25°C +85°C +125°C 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.0 2.0 3.0 4.0 5.0 6.0 VDD (V) MCP112-475 -40°C +25°C +85°C +125°C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |