Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703-2502E/MB Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1703-2502E/MB
Description  250 mA, 16V, Low Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703-2502E/MB Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1703-2502E/MB Datasheet HTML 14Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 15Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 16Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 17Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 18Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 19Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 20Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 21Page - Microchip Technology MCP1703-2502E/MB Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MCP1703
DS22049A-page 18
© 2007 Microchip Technology Inc.
3-Lead Plastic Small Outline Transistor (DB) [SOT-223]
Notes:
1. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.127 mm per side.
2. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Leads
N
3
Lead Pitch
e
2.30 BSC
Outside Lead Pitch
e1
4.60 BSC
Overall Height
A
–
–
1.80
Standoff
A1
0.02
–
0.10
Molded Package Height
A2
1.50
1.60
1.70
Overall Width
E
6.70
7.00
7.30
Molded Package Width
E1
3.30
3.50
3.70
Overall Length
D
6.30
6.50
6.70
Lead Thickness
c
0.23
0.30
0.35
Lead Width
b
0.60
0.76
0.84
Tab Lead Width
b2
2.90
3.00
3.10
Foot Length
L
0.75
–
–
Lead Angle
φ
0°
–
10°
D
b2
E
E1
1
2
3
e
e1
A
A2
A1
b
c
L
φ
Microchip Technology Drawing C04-032B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com