Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4021-503E/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP4021-503E/MS
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021-503E/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP4021-503E/MS Datasheet HTML 18Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 19Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 20Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 21Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 22Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 23Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 24Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 25Page - Microchip Technology MCP4021-503E/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 22
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-41:
50 k
Ω – Nominal Resistance
(
Ω) vs. Ambient Temperature and VDD.
FIGURE 2-42:
50 k
Ω – RWB (Ω) vs. Wiper
Setting and Ambient Temperature.
48000
48200
48400
48600
48800
49000
49200
49400
49600
49800
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
VDD = 2.7V
VDD = 5.5V
0
10000
20000
30000
40000
50000
60000
0
8
16
24
32
40
48
56
64
Wiper Setting (decimal)
-40C
25C
85C
125C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com