Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS7366R Datasheet(PDF) 12 Page - LSI Computer Systems

Part # LS7366R
Description  32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7366R Datasheet(HTML) 12 Page - LSI Computer Systems

Back Button LS7366R Datasheet HTML 5Page - LSI Computer Systems LS7366R Datasheet HTML 6Page - LSI Computer Systems LS7366R Datasheet HTML 7Page - LSI Computer Systems LS7366R Datasheet HTML 8Page - LSI Computer Systems LS7366R Datasheet HTML 9Page - LSI Computer Systems LS7366R Datasheet HTML 10Page - LSI Computer Systems LS7366R Datasheet HTML 11Page - LSI Computer Systems LS7366R Datasheet HTML 12Page - LSI Computer Systems LS7366R Datasheet HTML 13Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LS7366R
1M
Ω
40MHz
15pF
15pF
fCKO
fCKI
ENCODER
INDEX/
A
B
1
2
10
12
11
Vss
SS/
SCK
INT/
RXD
TXD
SCK
SS/
GND
MOSI
MISO
LFLAG/
8
6
7
5
4
+V
+V
+V
VDD
VDD
MCU
3
7366R-042106-12
FIGURE 14. PIC18C TO LS7366R
FIGURE 13. GENERAL I/O CONNECTIONS
LS7366R
MISO
MOSI
SCK
SS/
PIC18CXXX
RC3/SCK
RC4/SDI
RC5/SDO
RA5
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com