Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8714T/6 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8714T/6
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714T/6 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8714T/6 Datasheet HTML 14Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 15Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 16Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 17Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 18Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 19Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 20Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 21Page - NXP Semiconductors TDA8714T/6 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1997 Oct 29
18
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
8.4
8.0
5.4
5.2
0.65
1.25
7.9
7.6
0.9
0.7
0.8
0.4
8
0
o
o
0.13
0.1
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.20 mm maximum per side are not included.
1.03
0.63
SOT340-1
MO-150AG
93-09-08
95-02-04
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
112
24
13
0.25
y
pin 1 index
0
2.5
5 mm
scale
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
A
max.
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com