Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE2142MFKB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142MFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142MFKB Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLE2142MFKB Datasheet HTML 14Page - Texas Instruments TLE2142MFKB Datasheet HTML 15Page - Texas Instruments TLE2142MFKB Datasheet HTML 16Page - Texas Instruments TLE2142MFKB Datasheet HTML 17Page - Texas Instruments TLE2142MFKB Datasheet HTML 18Page - Texas Instruments TLE2142MFKB Datasheet HTML 19Page - Texas Instruments TLE2142MFKB Datasheet HTML 20Page - Texas Instruments TLE2142MFKB Datasheet HTML 21Page - Texas Instruments TLE2142MFKB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2141I electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2141I
TLE2141AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
225
1400
200
1000
V
VIO
Input offset voltage
Full range
1900
1500
µV
VIO
Temperature coefficient
Full range
1.7
1.7
V/
°C
αVIO
Temperature coefficient
of input offset voltage
VO = 2.5 V,
RS = 50 Ω,
Full range
1.7
1.7
µV/°C
IIO
Input offset current
VO = 2.5 V,
VIC = 2.5 V
RS = 50 Ω,
25
°C
8
100
8
100
nA
IIO
Input offset current
VIC = 2.5 V
Full range
200
200
nA
IIB
Input bias current
25
°C
− 0.8
−2
− 0.8
−2
A
IIB
Input bias current
Full range
− 2.2
− 2.2
µA
0
− 0.3
0
− 0.3
25
°C
0
to
− 0.3
to
0
to
− 0.3
to
VICR
Common-mode input
RS = 50 Ω
25 C
to
3
to
3.2
to
3
to
3.2
V
VICR
Common-mode input
voltage range
RS = 50 Ω
0
− 0.3
0
− 0.3
V
voltage range
Full range
0
to
− 0.3
to
0
to
− 0.3
to
Full range
to
2.7
to
2.9
to
2.7
to
2.9
IOH = − 150 µA
3.9
4.1
3.9
4.1
IOH = − 1.5 mA
25
°C
3.8
4
3.8
4
VOH
High-level output voltage
IOH = − 15 mA
25 C
3.2
3.7
3.2
3.7
V
VOH
High-level output voltage
IOH = − 100 µA
3.8
3.8
V
IOH = − 1 mA
Full range
3.7
3.7
IOH = − 10 mA
Full range
3.3
3.3
IOL = 150 µA
75
125
75
125
mV
IOL = 1.5 µA
25
°C
150
225
150
225
mV
VOL
Low-level output voltage
IOL = 15 mA
25 C
1.2
1.6
1.2
1.6
V
VOL
Low-level output voltage
IOL = 100 µA
175
175
mV
IOL = 1 mA
Full range
225
225
mV
IOL = 10 mA
Full range
1.4
1.4
V
AVD
Large-signal differential
VCC = ± 2.5 V,
RL = 2 kΩ,
25
°C
50
220
50
220
V/mV
AVD
Large-signal differential
voltage amplification
VCC = ± 2.5 V,
RL = 2 kΩ,
VO = 1 V to − 1.5 V
Full range
10
10
V/mV
ri
Input resistance
25
°C
70
70
M
Ω
ci
Input capacitance
25
°C
2.5
2.5
pF
zo
Open-loop output
impedance
f = 1 MHz
25
°C
30
30
Ω
CMRR
Common-mode
VIC = VICRmin, RS = 50 Ω
25
°C
85
118
85
118
dB
CMRR
Common-mode
rejection ratio
VIC = VICRmin, RS = 50 Ω
Full range
80
80
dB
kSVR
Supply-voltage rejection
VCC ± = ±2.5 V to ±15 V,
25
°C
90
106
90
106
dB
kSVR
Supply-voltage rejection
ratio (
∆VCC± /∆VIO)
VCC ± = ±2.5 V to ±15 V,
RS = 50 Ω
Full range
85
85
dB
ICC
Supply current
VO = 2.5 V,
No load,
25
°C
3.4
4.4
3.4
4.4
mA
ICC
Supply current
VO = 2.5 V,
VIC = 2.5 V
No load,
Full range
4.6
4.6
mA
† Full range is − 40°C to 105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com