Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP111-240I/TT Datasheet(PDF) 6 Page - Microchip Technology

Part # MP111-240I/TT
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-240I/TT Datasheet(HTML) 6 Page - Microchip Technology

Back Button MP111-240I/TT Datasheet HTML 2Page - Microchip Technology MP111-240I/TT Datasheet HTML 3Page - Microchip Technology MP111-240I/TT Datasheet HTML 4Page - Microchip Technology MP111-240I/TT Datasheet HTML 5Page - Microchip Technology MP111-240I/TT Datasheet HTML 6Page - Microchip Technology MP111-240I/TT Datasheet HTML 7Page - Microchip Technology MP111-240I/TT Datasheet HTML 8Page - Microchip Technology MP111-240I/TT Datasheet HTML 9Page - Microchip Technology MP111-240I/TT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MCP111/112
DS21889D-page 6
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-7:
VTRIP and VHYST vs.
Temperature (MCP111-195).
FIGURE 2-8:
VTRIP and VHYST vs.
Temperature (MCP112-300).
FIGURE 2-9:
VTRIP and VHYST vs.
Temperature (MCP112-475).
FIGURE 2-10:
VOL vs. IOL
(MCP111-195 @VDD = 1.7V).
FIGURE 2-11:
VOL vs. IOL
(MCP112-300 @VDD = 2.7V).
FIGURE 2-12:
VOL vs. IOL
(MCP112-475 @VDD = 4.4V).
1.895
1.900
1.905
1.910
1.915
1.920
1.925
1.930
1.935
1.940
1.945
1.950
-60
-10
40
90
140
Temperature (°C)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
VTRIP, V decreasing
VTRIP, V increasing
VHYS, Hysteresis
MCP111-195
max temp is
+85°C
2.900
2.920
2.940
2.960
2.980
3.000
3.020
3.040
-60
-10
40
90
140
Temperature (°C)
0.082
0.084
0.086
0.088
0.090
0.092
0.094
0.096
0.098
0.100
MCP112-300
VTRIP, V decreasing
VTRIP, V increasing
VHYS, Hysteresis
4.580
4.600
4.620
4.640
4.660
4.680
4.700
4.720
4.740
4.760
4.780
4.800
-60
-20
20
60
100
140
Temperature (°C)
0.100
0.110
0.120
0.130
0.140
0.150
0.160
0.170
0.180
MCP112-475
VTRIP, V decreasing
VTRIP, V increasing
VHYS, Hysteresis
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.00
0.25
0.50
0.75
1.00
I
OL (mA)
-40°C
+25°C
+85°C
+125°C
MCP111-195
VDD = 1.7V
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
0.00
0.25
0.50
0.75
1.00
I
OL (mA)
MCP112-300
VDD = 2.7V
-40°C
+25°C
+85°C
+125°C
0.000
0.010
0.020
0.030
0.040
0.050
0.00
0.25
0.50
0.75
1.00
IOL (mA)
MCP112-475
VDD = 4.4V
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com