Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD534TH Datasheet(PDF) 16 Page - Analog Devices

Part # AD534TH
Description  Internally Trimmed Precision IC Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534TH Datasheet(HTML) 16 Page - Analog Devices

Back Button AD534TH Datasheet HTML 12Page - Analog Devices AD534TH Datasheet HTML 13Page - Analog Devices AD534TH Datasheet HTML 14Page - Analog Devices AD534TH Datasheet HTML 15Page - Analog Devices AD534TH Datasheet HTML 16Page - Analog Devices AD534TH Datasheet HTML 17Page - Analog Devices AD534TH Datasheet HTML 18Page - Analog Devices AD534TH Datasheet HTML 19Page - Analog Devices AD534TH Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD534
Data Sheet
Rev. D | Page 16 of 20
AD534
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
500Ω
39kΩ
2kΩ
82kΩ
2.2kΩ
–15V
CONTROL INPUT,
EC 100mV TO 10V
+
–
(= R)
ADJ
1kHz
0.01
(= C)
ADJ 8kHz
3pF to 30pF
2
3
7
AD211
+15V
OUTPUT
±15V APPROX.
PINS 5, 6, 8 TO +15V
PINS 1, 4 TO –15V
f =
×
EC
40
1
CR = 1kHz PER VOLT
WITH VALUES SHOWN
CALIBRATION PROCEDURE:
WITH EC = 1.0V, ADJUST POTENTIOMETER TO SET f = 1.000kHz WITH
EC = 8.0V, ADJUST TRIMMER CAPACITOR TO SET f = 8.000kHz. LINEARITY
WILL TYPICALLY BE WITHIN ±0.1% OF FS FORANY OTHER INPUT.
DUE TO DELAYS IN THE COMPARATOR, THIS TECHNIQUE IS NOT SUITABLE
FOR MAXIMUM FREQUENCIES ABOVE 10kHz. FOR FREQUENCIES ABOVE
10kHz THE AD537 VOLTAGE-TO-FREQUENCY CONVERTER IS RECOMMENDED.
A TRIANGLE-WAVE OF ±5V PK APPEARS ACROSS THE 0.01µF CAPACITOR: IF
USED AS AN OUTPUT, A VOLTAGE-FOLLOWER SHOULD BE INTERPOSED.
Figure 26. Differential Input Voltage-to-Frequency Converter
AD534
AD741J
+VS
X1
X2
SF
Y1
Y2
OUT
Z1
Z2
–VS
+15V
+15V
10kΩ
10kΩ
10kΩ
20kΩ
10kΩ
10kΩ
ZERO
ADJ
10MΩ
–15V
10µF
NONPOLAR
10µF SOLID Ta
20kΩ
AD741K
5kΩ
+
RMS + DC
MODE
AC RMS
INPUT
5V RMS FS
±10V PEAK
OUTPUT
0V TO 5V
MATCHED TO 0.025%
CALIBRATION PROCEDURE:
WITH MODE SWITCH IN ‘RMS + DC’ POSITION, APPLY AN INPUT OF +1.00V DC.
ADJUST ZERO UNTIL OUTPUT READS SAME AS INPUT. CHECK FOR INPUTS
OF ±10V; OUTPUT SHOULD BE WITHIN ±0.05% (5mV).
ACCURACY IS MAINTAINED FROM 60Hz TO 100kHz, AND IS TYPICALLY HIGH
BY 0.5% AT 1MHz FOR VIN = 4V RMS (SINE, SQUARE, OR TRIANGLULAR-WAVE).
PROVIDED THAT THE PEAK INPUT IS NOT EXCEEDED, CREST FACTORS UP
TO AT LEAST 10 HAVE NO APPRECIABLE EFFECT ON ACCURACY.
INPUT IMPEDANCE IS ABOUT 10kΩ; FOR HIGH (10MΩ) IMPEDANCE, REMOVE
MODE SWITCH AND INPUT COUPLING COMPONENTS.
FOR GUARANTEED SPECIFICATIONS THE AD536A AND AD636 ARE OFFERED
AS A SINGLE PACKAGE RMS-TO-DC CONVERTER.
Figure 27. Wideband, High-Crest Factor, RMS-to-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com