Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8714M/6 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8714M/6
Description  8-bit high-speed analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8714M/6 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8714M/6 Datasheet HTML 1Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 2Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 3Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 4Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 5Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 6Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 7Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 8Page - NXP Semiconductors TDA8714M/6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1997 Oct 29
5
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8714
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. The supply voltages VCCA and VCCD may have any value between −0.3 V and +7.0 V provided the difference
between VCCA and VCCD is between −1 V and +1 V.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA
analog supply voltage
note 1
−0.3
+7.0
V
VCCD
digital supply voltage
note 1
−0.3
+7.0
V
VCCO
output stages supply voltage
note 1
−0.3
+7.0
V
∆V
CC
supply voltage differences between
VCCA and VCCD
−1.0
+1.0
V
∆VCC
supply voltage differences between
VCCO and VCCD
−1.0
+1.0
V
∆VCC
supply voltage differences between
VCCA and VCCO
−1.0
+1.0
V
VI
input voltage
referenced to AGND
−0.3
+7.0
V
Vclk(p-p)
AC input voltage for switching
(peak-to-peak value)
referenced to DGND
−
VCCD
V
IO
output current
−
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
+70
°C
Tj
junction temperature
−
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SOT137-1
75
K/W
SOT340-1
119
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com