Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DPB02CM48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DPB02CM48
Description  Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPB02CM48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DPB02CM48 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPB02CM48 Datasheet HTML 2Page - List of Unclassifed Manufacturers DPB02CM48 Datasheet HTML 3Page - List of Unclassifed Manufacturers DPB02CM48 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications are subject to change without notice (18.07.06)
1
Monitoring Relays
Product Description
Ordering Key
Housing
Function
Type
Item number
Output
Power supply
• TRMS 3-phase phase sequence, phase loss and
asymmetry monitoring relays
• Detect when all 3 phases are present and have the
correct sequence
• Detect if asymmetry level is below the set value
• Measure on own power supply
• Selection of measuring range by DIP-switches
• Adjustable asymmetry on relative scale
• Adjustable delay function (0.1 to 30 s)
• Output: 8 A relay SPDT N.E.
• For mounting on DIN-rail in accordance with
DIN/EN 50 022 (DPB02) or plug-in module (PPB02)
• 22.5 mm Euronorm housing (DPB02)
or 36 mm plug-in module (PPB02)
• LED indication for relay, alarm and power supply ON
Type Selection
Mounting
Output
Supply: 208 to 240 VAC
Supply: 380 to 415 VAC
Supply: 380 to 480 VAC
DIN-rail
SPDT
DPB 02 C M23
DPB 02 C M48
Plug-in
SPDT
PPB 02 C M23
PPB 02 C M48
Input
L1, L2, L3, N
DPB02: Terminals L1, L2, L3, N
PPB02: Terminals 5, 6, 7, 11
Measure on own supply
Note: Connect the neutral only
if it is intrinsically at the star
centre
Measuring ranges
208 to 240 VAC
177 to 275
∆VAC
380 to 480 VAC (DPB02CM48) 323 to 550
∆VAC
380 to 415 VAC (PPB02CM48) 323 to 475
∆VAC
Ranges
Asymmetry
2 to 22%
of the nominal voltage
True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
Types DPB02, PPB02
Input Specifications
Output
SPDT relay
Rated insulation voltage
250 VAC
Contact ratings (AgSnO2)
µ
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Output Specifications
DPB 02 C M23
3-phase or 3-phase+neutral
line voltage monitoring relay
for phase sequence, phase
loss and asymmetry with
built-in time delay function.
Supply ranges from 208 to
480 VAC covered by two
multi voltage relays.
DPB02
PPB02
No
otte
e: The input voltage
must not exceed the maxi-
mum rated voltage or drop
below the minumum rated
voltage reported above.


Similar Part No. - DPB02CM48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPB01CM23 ETC2-DPB01CM23 Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DPB01CM23N ETC2-DPB01CM23N Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DPB01CM48 ETC2-DPB01CM48 Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DPB01CM48N ETC2-DPB01CM48N Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DPB01CM48NW4 ETC2-DPB01CM48NW4 Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
More results

Similar Description - DPB02CM48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPB01CM23 ETC2-DPB01CM23 Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DPB71CM23 ETC2-DPB71CM23 Datasheet
133Kb / 3P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
logo
PHOENIX CONTACT
EMD-BL-PH-480 PHOENIX-EMD-BL-PH-480 Datasheet
141Kb / 6P
Phase sequence monitoring
EMD-SL-PH-400 PHOENIX-EMD-SL-PH-400 Datasheet
120Kb / 5P
Phase sequence monitoring
2866077 PHOENIX-2866077 Datasheet
120Kb / 5P
Electronic monitoring relay for phase sequence, phase failure, and asymmetry monitoring
logo
ZIEHL industrie-elektro...
P222505 ZIEHL-P222505 Datasheet
262Kb / 1P
Phase asymmetry Relay Type PS2DK Monitoring of Phase-Asymmetry and Phase Sequence
PSSW1 ZIEHL-PSSW1 Datasheet
259Kb / 1P
Monitor for 3-phase Type PSSW1 Phase asymmetry, Phase sequence, over- and undervoltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com