Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8760K/4 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8760K/4
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/4 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8760K/4 Datasheet HTML 12Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 13Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 14Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 15Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 16Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 17Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 18Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 19Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1996 Sep 12
16
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
Fig.5 Differential gain measurement conditions.
handbook, full pagewidth
MBD722
CODE 1023
CODE 0
digital output
DC offset voltage
(1)
f i = 4.43 MHz
(1)
f i = 4.43 MHz
(1)
f i = 4.43 MHz
(1)
f i = 4.43 MHz
(1)
f i = 4.43 MHz
V i
V4
V3
V2
V1
V0
(1) Full-scale divided-by-5.
G
diff
maximum of
V
n 1to4
() V0
–
V0
------------------------------------------


100%
×
=
Fig.6
Typical effective bits under differential input
mode as a function of input signal
frequency.
20
9.0
8.0
04
12
MGA931 - 2
8
8.2
8.4
8.6
8.8
f
(MHz)
i
effective
bits
16
f
=
clk
20 MHz
40 MHz
Fig.7
Typical effective bits under single input
mode as a function of input signal
frequency.
10
9.0
8.0
02
6
MBD223 - 1
4
8.2
8.4
8.6
8.8
f
(MHz)
i
effective
bits
8
f
=
clk
20 MHz
40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com