Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MG120R080 Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MG120R080
Description  N-CHANNEL Enhancement Silicon Carbide MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MG120R080 Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MG120R080 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
R
MG120R080
版本:
202404A
5/9
典型性能
Typical Performance
Output Characteristics TJ = -55 °C
Output Characteristics TJ = 25 °C
Output Characteristics TJ =150 °C
On-Resistance For Various Gate Voltage
Transfer Characteristic
Threshold Voltage vs. Temperature or Various Junction
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com