Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS32KHZ/WBGA Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS32KHZ/WBGA
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ/WBGA Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS32KHZ/WBGA Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ/WBGA Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ/WBGA Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ/WBGA Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ/WBGA Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ/WBGA Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ/WBGA Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ/WBGA Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS32kHz
5 of 8
PIN DESCRIPTION
PIN
SO
BGA
DIP
NAME
FUNCTION
1
C4, C5, D4, D5
12
32kHz
32.768kHz Push-Pull Output
2
C2, C3, D2, D3
13
VCC
Primary Power Supply
3–12, 15, 16
A7, A8, B7, B8,
C7, C8, D7, D8
1, 6–11, 14
N.C.
No Connection (Must be grounded)
13
All remaining
balls
4
GND
Ground
14
A4, A5, B4, B5
5
VBAT
+3V Nominal Supply Input. Used to operate the
device when VCC is absent.
Figure 2. Delta Time and Frequency vs. Temperature
FUNCTIONAL DESCRIPTION
The DS32kHz is a temperature-compensated crystal oscillator (TCXO) that outputs a 32,768Hz square wave.
While the DS32kHz is powered by either supply input, the device measures the temperature every 64 seconds and
adjusts the output frequency. The device requires four pins for operation: VCC, GND, VBAT, and 32kHz. (See
Figure 4 for connection schemes.) Power is applied through VCC and GND, while VBAT is used to maintain the
32kHz output in the absence of power. Once every 64 seconds, the DS32kHz measures the temperature and
adjusts the output frequency. The output is accurate to ±2ppm (±1 min/yr) from 0°C to +40°C and to ±7.5ppm
(±4 min/year) from -40°C to 0°C and from +40°C to +85°C.
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
-40
-30
-20
-10
0
10
203040
50
607080
Temperature (°C)
-100
-80
-60
-40
-20
0
Typical Crystal,
Uncompensated
DS32kHz
Accuracy
Band
Crystal +20ppm
Crystal -20ppm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com