Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ128GP310 Datasheet(PDF) 50 Page - Microchip Technology

Part # DSPIC33FJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ128GP310 Datasheet(HTML) 50 Page - Microchip Technology

Back Button DSPIC33FJ128GP310 Datasheet HTML 46Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 47Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 48Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 49Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 50Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 51Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 52Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 53Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 50
Preliminary
© 2007 Microchip Technology Inc.
4.2.6
READC
COMMAND
The READC command instructs the programming exec-
utive to read N Configuration registers or Device ID
registers, starting from the 24-bit address specified by
Addr_MSB and Addr_LS. This command can only be
used to read 8-bit or 16-bit data.
When this command is used to read Configuration
registers, the upper byte in every data word returned by
the programming executive is 0x00 and the lower byte
contains the Configuration register value.
Expected Response (4 + 3 * (N – 1)/2 words
for N odd):
0x1100
2 + N
Configuration register or Device ID Register 1
...
Configuration register or Device ID Register N
4.2.7
READP
COMMAND
The READP command instructs the programming exec-
utive to read N 24-bit words of code memory, starting
from the 24-bit address specified by Addr_MSB and
Addr_LS. This command can only be used to read 24-
bit data. All data returned in the response to this com-
mand uses the packed data format described in
Section 4.2.2 “Packed Data Format”.
Expected Response (2 + 3 * N/2 words for N even):
0x1200
2 + 3 * N/2
Least significant program memory word 1
...
Least significant data word N
Expected Response (4 + 3 * (N – 1)/2 words
for N odd):
0x1200
4 + 3 * (N – 1)/2
Least significant program memory word 1
...
MSB of program memory word N (zero padded)
15
12 11
8 7
0
Opcode
Length
NAddr_MSB
Addr_LS
Field
Description
Opcode
0x1
Length
0x3
N
Number of 8-bit Configuration registers
or Device ID registers to read (max of
256)
Addr_MSB
MSB of 24-bit source address
Addr_LS
Least Significant 16 bits of 24-bit
source address
Note:
Reading
unimplemented
memory
will
cause the programming executive to
reset. Please ensure that only memory
locations present on a particular device
are accessed.
15
12 11
8 7
0
Opcode
Length
N
Reserved
Addr_MSB
Addr_LS
Field
Description
Opcode
0x2
Length
0x4
N
Number of 24-bit instructions to read
(max of 32768)
Reserved
0x0
Addr_MSB
MSB of 24-bit source address
Addr_LS
Least Significant 16 bits of 24-bit
source address
Note:
Reading
unimplemented
memory
will
cause the programming executive to
reset. Please ensure that only memory
locations present on a particular device
are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com