Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8787AHL/S1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8787AHL/S1
Description  10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787AHL/S1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8787AHL/S1 Datasheet HTML 3Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 4Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 5Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 6Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 7Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 8Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 9Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 10Page - NXP Semiconductors TDA8787AHL/S1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2000 Nov 14
7
Philips Semiconductors
Product specification
10-bit, 3.0 V, up to 25 Msps analog-to-digital
interface for CCD cameras
TDA8787A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. The supply voltages VCCA, VCCD and VCCO may have any value between −0.3 and +5.0 V provided that the supply
voltage difference
∆VCC remains as indicated.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA
analog supply voltage
note 1
−0.3
+5.0
V
VCCD
digital supply voltage
note 1
−0.3
+5.0
V
VCCO
output stages supply voltage
note 1
−0.3
+5.0
V
∆V
CC
supply voltage difference
between VCCA and VCCD
−0.5
+0.5
V
between VCCA and VCCO
−0.5
+1.2
V
between VCCD and VCCO
−0.5
+1.2
V
Vi
input voltage
referenced to AGND
−0.3
+5.0
V
Io
data output current
−±10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−20
+75
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
76
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com