Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

93C66A-E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # 93C66A-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66A-E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 93C66A-E/P Datasheet HTML 3Page - Microchip Technology 93C66A-E/P Datasheet HTML 4Page - Microchip Technology 93C66A-E/P Datasheet HTML 5Page - Microchip Technology 93C66A-E/P Datasheet HTML 6Page - Microchip Technology 93C66A-E/P Datasheet HTML 7Page - Microchip Technology 93C66A-E/P Datasheet HTML 8Page - Microchip Technology 93C66A-E/P Datasheet HTML 9Page - Microchip Technology 93C66A-E/P Datasheet HTML 10Page - Microchip Technology 93C66A-E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21795C-page 7
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.4
Erase
The ERASE instruction forces all data bits of the speci-
fied address to the logical ‘1’ state. CS is brought low
following the loading of the last address bit. This falling
edge of the CS pin initiates the self-timed program-
ming cycle, except on ‘93C’ devices where the rising
edge of CLK before the last address bit initiates the
write cycle.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been erased and
the device is ready for another instruction.
Note:
Issuing a Start bit and then taking CS low
will clear the Ready/Busy status from DO.
FIGURE 2-1:
ERASE TIMING FOR 93AA AND 93LC DEVICES
FIGURE 2-2:
ERASE TIMING FOR 93C DEVICES
CS
CLK
DI
DO
TCSL
Check Status
11
1
AN
AN-1
AN-2
•••
A0
TSV
TCZ
Busy
Ready
High-Z
TWC
High-Z
CS
CLK
DI
DO
TCSL
Check Status
11
1
AN
AN-1
AN-2
•••
A0
TSV
TCZ
Busy
Ready
High-Z
TWC
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com