Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC02J120A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SC02J120A
Description  SiC Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SC02J120A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SC02J120A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC02J120A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC02J120A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC02J120A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC02J120A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC02J120A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC02J120A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC02J120A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:
202403B
1/8
碳化硅肖特基二极管
SiC Schottky Diode
SC02J120A
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤-条管
Halogen-Free-Tube
SC02J120A-R-BR
SC02J120A
DPAK
SC02J120A-CL-BR
SC02J120A
TO-220C-2L
封装
Package
DPAK
TO-220C-2L
主要参数
MAIN
CHARACTERISTICS
V
RRM
1200V
I
F,TC≤156℃
2A
Q
C
Typ
11.2nC
用途
⚫光伏逆变器
⚫开关模式电源
⚫高压 DC/DC 转换器
⚫电池充电器
⚫电动驱动
⚫不间断电源
APPLICATIONS
⚫Solar Inverters
⚫Switch Mode Power Supplies
⚫High Voltage DC/DC Converters
⚫Battery Chargers
⚫Motor Drives
⚫Uninterruptable power supplies
产品特性
⚫高阻断电压
⚫零反向恢复电流
⚫零正向恢复电压
⚫高频率应用
⚫不受温度影响的开关特性
⚫快速开关
⚫正温度系数
⚫RoHS 产品
订货信息
ORDER MESSAGE
FEATURES
⚫High Blocking Voltage
⚫Zero Reverse Recovery Current
⚫Zero Forward Recovery Voltage
⚫High-Frequency Operation
⚫Temperature-Independent Switching Behavior
⚫Extremely Fast Switching
⚫Positive Temperature Coefficient on VF
⚫RoHS product


Similar Part No. - SC02J120A

ManufacturerPart #DatasheetDescription
logo
Raspberry Pi Holdings P...
SC0212 RASPBERRY-PI-SC0212 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
SC0216 RASPBERRY-PI-SC0216 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
SC0218 RASPBERRY-PI-SC0218 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
SC0219 RASPBERRY-PI-SC0219 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
logo
Skyworks Solutions Inc.
SC02201518 SKYWORKS-SC02201518 Datasheet
65Kb / 3P
MIS Chip Capacitors
More results

Similar Description - SC02J120A

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com