Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8943SF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8943SF
Description  6 W mono Bridge Tied Load BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8943SF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8943SF Datasheet HTML 2Page - NXP Semiconductors TDA8943SF Datasheet HTML 3Page - NXP Semiconductors TDA8943SF Datasheet HTML 4Page - NXP Semiconductors TDA8943SF Datasheet HTML 5Page - NXP Semiconductors TDA8943SF Datasheet HTML 6Page - NXP Semiconductors TDA8943SF Datasheet HTML 7Page - NXP Semiconductors TDA8943SF Datasheet HTML 8Page - NXP Semiconductors TDA8943SF Datasheet HTML 9Page - NXP Semiconductors TDA8943SF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
TDA8943SF
6 W mono Bridge Tied Load (BTL) audio amplifier
Product specification
Rev. 02 — 7 April 2000
6 of 20
9397 750 06865
© Philips Electronics N.V. 2000. All rights reserved.
8.4 Supply Voltage Ripple Rejection (SVRR)
The SVRR is measured with an electrolytic capacitor of 10
µF on pin SVR at a
bandwidth of 10 Hz to 80 kHz. Figure 12 on page 10 illustrates the SVRR as function
of the frequency. A larger capacitor value on the SVR pin improves the ripple rejection
behaviour at the lower frequencies.
8.5 Built-in protection circuits
The TDA8943SF contains two types of protection circuits, i.e. short-circuit and
thermal shutdown.
8.5.1
Short-circuit protection
Short-circuit to ground or supply line — This is detected by a so-called ‘missing
current’ detection circuit which measures the current in the positive supply line and
the current in the ground line. A difference between both currents larger than 0.4 A,
switches the power stage to standby mode (high impedance).
Short-circuit across the load — This is detected by an absolute-current
measurement. An absolute-current larger than 2 A, switches the power stage to
standby mode (high impedance).
8.5.2
Thermal shutdown protection
The junction temperature is measured by a temperature sensor; at a junction
temperature of approximately 150
°C this detection circuit switches the power stage
to standby mode (high impedance).
9.
Limiting values
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
no signal
−0.3
+25
V
operating
−0.3
+18
V
VI
input voltage
−0.3
VCC + 0.3 V
IORM
repetitive peak output current
-
2
A
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
operating ambient
temperature
−40
+85
°C
Ptot
total power dissipation
-
7
W
VCC(sc)
supply voltage to guarantee
short-circuit protection
-18
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com