Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8944J Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8944J
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944J Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8944J Datasheet HTML 4Page - NXP Semiconductors TDA8944J Datasheet HTML 5Page - NXP Semiconductors TDA8944J Datasheet HTML 6Page - NXP Semiconductors TDA8944J Datasheet HTML 7Page - NXP Semiconductors TDA8944J Datasheet HTML 8Page - NXP Semiconductors TDA8944J Datasheet HTML 9Page - NXP Semiconductors TDA8944J Datasheet HTML 10Page - NXP Semiconductors TDA8944J Datasheet HTML 11Page - NXP Semiconductors TDA8944J Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 February 2000
8 of 21
9397 750 06861
© Philips Electronics N.V. 2000. All rights reserved.
12. Dynamic characteristics
[1]
The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with a source impedance
Rs =0 Ω at the input.
[2]
Supply voltage ripple rejection is measured at the output, with a source impedance Rs =0 Ω at the input. The ripple voltage is a sine
wave with a frequency fripple and an amplitude of 707 mV (RMS), which is applied to the positive supply rail.
[3]
Output voltage in mute mode is measured with an input voltage of 1 V (RMS) in a bandwidth of 20 kHz, so including noise.
Fig 3.
Quiescent current as function of supply
voltage.
Fig 4.
Quiescent current as function of mode voltage.
handbook, halfpage
50
40
30
20
10
0
04
8
12
16
VCC (V)
Iq
(mA)
20
MGL954
handbook, halfpage
50
40
30
20
10
0
04
8
12
16
VMODE (V)
Iq
(mA)
20
MGL955
VCC = 12 V
Table 8:
Dynamic characteristics
VCC =12V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; measured in test circuit Figure 14; audio pass band
22 Hz to 22 kHz; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
THD = 10%
6
7
-
W
THD = 0.5%
4
5
-
W
THD
total harmonic distortion
Po = 1 W
-
0.03
0.1
%
Gv
voltage gain
31
32
33
dB
Zi(dif)
differential input impedance
70
90
110
k
Vn(o)
noise output voltage
[1] -
90
120
µV
SVRR
supply voltage ripple rejection
fripple = 1 kHz
[2] 50
65
-
dB
fripple = 100 Hz
to 20 kHz
[2] -60
-
dB
Vo(mute)
output voltage
mute mode
[3] --50
µV
αcs
channel separation
Rs =0 Ω
50
75
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com