Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8945S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8945S
Description  15 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945S Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8945S Datasheet HTML 1Page - NXP Semiconductors TDA8945S Datasheet HTML 2Page - NXP Semiconductors TDA8945S Datasheet HTML 3Page - NXP Semiconductors TDA8945S Datasheet HTML 4Page - NXP Semiconductors TDA8945S Datasheet HTML 5Page - NXP Semiconductors TDA8945S Datasheet HTML 6Page - NXP Semiconductors TDA8945S Datasheet HTML 7Page - NXP Semiconductors TDA8945S Datasheet HTML 8Page - NXP Semiconductors TDA8945S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
3 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
The TDA8945S is a mono BTL audio power amplifier capable of delivering 15 W
output power to an 8
Ω load at THD = 10%, using an 18 V power supply and an
external heatsink. The voltage gain is fixed at 32 dB.
With the three-level MODE input the device can be switched from ‘standby’ to ‘mute’
and to ‘operating’ mode.
The TDA8945S outputs are protected by an internal thermal shutdown protection
mechanism and a short-circuit protection.
Fig 2.
Pin configuration.
handbook, halfpage
TDA8945S
MBK937
1
2
3
4
5
6
7
8
9
OUT
−
VCC
OUT
+
IN
+
IN
−
SVR
MODE
GND
n.c.
Table 3:
Pin description
Symbol
Pin
Description
OUT
−
1
negative loudspeaker terminal
VCC
2
supply voltage
OUT+
3
positive loudspeaker terminal
IN+
4
positive input
IN
−
5
negative input
SVR
6
half supply voltage decoupling (ripple rejection)
MODE
7
mode selection input (standby, mute, operating)
GND
8
ground
n.c.
9
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com