Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8945 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8945
Description  15 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8945 Datasheet HTML 1Page - NXP Semiconductors TDA8945 Datasheet HTML 2Page - NXP Semiconductors TDA8945 Datasheet HTML 3Page - NXP Semiconductors TDA8945 Datasheet HTML 4Page - NXP Semiconductors TDA8945 Datasheet HTML 5Page - NXP Semiconductors TDA8945 Datasheet HTML 6Page - NXP Semiconductors TDA8945 Datasheet HTML 7Page - NXP Semiconductors TDA8945 Datasheet HTML 8Page - NXP Semiconductors TDA8945 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
2 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
5.
Ordering information
6.
Block diagram
Po
output power
THD = 10%; RL =8 Ω;
VCC =18V
13
15
-
W
THD
total harmonic distortion
Po = 1 W
-
0.03
0.1
%
Gv
voltage gain
31
32
33
dB
SVRR
supply voltage ripple
rejection
50
65
-
dB
Table 1:
Quick reference data…continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA8945S
SIL9P
plastic single in-line power package; 9 leads
SOT131-2
Fig 1.
Block diagram.
idth
MBK938
STANDBY/
MUTE LOGIC
SHORT CIRCUIT
AND
TEMPERATURE
PROTECTION
20
k
Ω
20
k
Ω
5
TDA8945S
4
3
1
7
6
VCC
VCC
8
2
OUT
+
GND
SVR
OUT
−
IN
−
IN
+
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com