Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4510-2ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4510-2ARMZ
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4510-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Data Sheet
ADA4510-2
SPECIFICATIONS
analog.com
Rev. B | 6 of 32
Table 1. Electrical Specifications for TA = −40°C to +85°C (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Total Harmonic Distortion (THD)
VOUT = 10 V p-p, gain = 1, TA = 25°C
f = 1 kHz
0.00002
%
f = 1 kHz
−134
dB
f = 50 kHz
0.0045
%
f = 50 kHz
−87
dB
ELECTROMAGNETIC INTERFERENCE
REJECTION RATIO (EMIRR)
EMIRR = 20 × log10(∆VIN/∆ VOS), ∆VIN = 200 mV p-p, TA = 25°C
f = 1000 MHz
71
dB
f = 2400 MHz
81
dB
CROSSTALK
VIN = 4 V p-p, TA = 25°C
DC
165
dB
f = 1 kHz
164
dB
f = 100 kHz
130
dB
1 In rare cases, solder reflow can cause a non permanent Vos shift. See the Applications Information section for information regarding maintaining the specified Vos
performance after soldering.
ELECTRICAL SPECIFICATIONS FOR TA = −40°C TO +125°C
Supply voltage (VSY) = (V+) − (V−) = ±3 V to ±20 V, common-mode voltage (VCM) = 0 V, load resistor (RL) = 10 kΩ to midsupply, unless
otherwise noted.
Table 2. Electrical Specifications for TA = −40°C to +125°C
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (VOS)1
VCM = 0 V, TA = 25°C
±5
±20
μV
−40°C < TA < +125°C, SOIC_N
±100
μV
−40°C < TA < +125°C, MSOP
±140
μV
VCM = (V+) − 1.5 V, TA = 25°C
±10
±40
μV
−40°C < TA < +125°C, SOIC_N
±380
μV
−40°C < TA < +125°C, MSOP
±430
μV
VCM = V−, TA = 25°C
±9
±35
μV
−40°C < TA < +125°C
±160
μV
Offset Voltage Drift (ΔVOS/ΔT)
VCM = 0 V
−40°C < TA < +125°C, SOIC_N
±0.12
±0.7
µV/°C
−40°C < TA < +125°C, MSOP
±0.15
±0.9
µV/°C
VCM = (V+) − 1.5 V
−40°C < TA < +125°C
±0.5
±2.4
µV/°C
Input Bias Current (IB)
TA = 25°C
±2.5
±10
pA
−40°C < TA < +125°C, SOIC_N
±18
nA
−40°C < TA < +125°C, MSOP
±45
nA
Input Offset Current (IOS)
TA = 25°C
±0.5
±5
pA
−40°C < TA < +125°C
±5
nA
Input Voltage Range (IVR)
Guaranteed by CMRR
V−
V+
V
Common-Mode Rejection Ratio
(CMRR)
−20 V < VCM < 17 V, TA = 25°C
121
140
dB
−40°C < TA < +125°C
109
dB
−20 V < VCM < 20 V, TA = 25°C
100
112
dB
−40°C < TA < +125°C
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com