Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4511-2ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4511-2ARMZ
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4511-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4511-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
ADA4511-2
Precision, 40 V, Rail-to-Rail Input and Output Op Amp
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Low-offset voltage drift: ±2 μV/°C maximum
►
Low-offset voltage: ±75 μV maximum
►
Low-voltage noise: 1 μV p-p from 0.1 Hz to 10 Hz typical
►
Low-voltage noise density: 5 nV/√Hz typical at f = 1 kHz
►
High common-mode rejection: 140 dB typical
►
Low-input bias current: ±10 pA maximum
►
Wide gain bandwidth product: 10.4 MHz typical
►
High slew rate: 19 V/μs typical
►
Low THD: −134 dB at f = 1 kHz
►
Low-quiescent supply current: 1.45 mA per amplifier typical
►
Wide supply voltage operation: 6 V to 40 V, ±3 V to ±20 V
►
Integrated EMI filter
►
Multiplexer compatible inputs
►
Rail-to-rail high impedance: differential and common-mode
►
Fast settling time
►
Rail-to-rail output
►
No phase reversal
►
Heavy capacitive load drive capability: 1 nF
►
Wide specified temperature range: −40°C to +125°C
►
Available in 8-lead, SOIC_N and 8-lead, MSOP packages
GENERAL DESCRIPTION
The ADA4511-21 is a dual-channel, 40 V, high precision, low-input
bias current, low-offset voltage, low-offset voltage drift, low noise,
rail-to-rail input and output operational amplifier (op amp) that can
be used at any point of the signal chain, which includes sensing,
conditioning, and output drive. Through trimming, the ADA4511-2
achieves low offset drift (±0.4 μV/°C typical, ±2 μV/°C maximum)
and low offset voltage (±25 μV typical, ±75 μV maximum).
The ADA4511-2 delivers top DC accuracy and AC precision, which
makes it suitable for a wide variety of signal chain applications. By
integrating a robust mux-compatible architecture, the ADA4511-2
effectively solves common system distortion and settling problems
and provides the superior accuracy required in multiplexed multi-
channel precision signal chains. The ADA4511-2 is specified from
−40°C to +125°C and is available in an 8-lead, SOIC_N and 8-lead,
MSOP.
APPLICATIONS
►
Multiplexed data acquisition systems
►
Electronic test and measurement
►
Automated test equipment
►
Medical instruments
►
Energy monitoring
►
Precision current sensing
►
Precision buffer
►
Transimpedance amplifiers
TYPICAL APPLICATION CIRCUIT
Figure 1. Multiplexed Data Acquisition Signal Chain
1 Protected by U.S. patent number 11,329,612; other patents pending.


Similar Part No. - ADA4511-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4510-2 AD-ADA4510-2 Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARMZ AD-ADA4510-2ARMZ Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARMZ-R7 AD-ADA4510-2ARMZ-R7 Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARMZ-RL AD-ADA4510-2ARMZ-RL Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
ADA4510-2ARZ AD-ADA4510-2ARZ Datasheet
2Mb / 32P
Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
Rev. B
More results

Similar Description - ADA4511-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 5, 2005
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
June 18, 2009
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
April 5, 2011
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com