Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC02IP Datasheet(PDF) 154 Page - Microchip Technology

Part # DSPIC33FJ12MC02IP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP Datasheet(HTML) 154 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 150Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 151Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 152Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 153Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 154Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 155Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 156Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 157Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 152
Preliminary
© 2007 Microchip Technology Inc.
14.14.1
FAULT PIN ENABLE BITS
The PxFLTACON SFR have four control bits that deter-
mine whether a particular pair of PWM I/O pins is to be
controlled by the Fault input pin. To enable a specific
PWM I/O pin pair for Fault overrides, the corresponding
bit should be set in the PxFLTACON register.
If all enable bits are cleared in the PxFLTACON regis-
ter, the corresponding Fault input pin has no effect on
the PWM module and the pin can be used as a general
purpose interrupt or I/O pin.
14.14.2
FAULT STATES
The PxFLTACON Special Function Registers have
eight bits each that determine the state of each PWM
I/O pin when it is overridden by a Fault input. When
these bits are cleared, the PWM I/O pin is driven to the
inactive state. If the bit is set, the PWM I/O pin is
driven to the active state. The active and inactive
states are referenced to the polarity defined for each
PWM I/O pin (HPOL and LPOL polarity control bits).
A special case exists when a PWM module I/O pair is
in the Complementary mode and both pins are
programmed to be active on a Fault condition. The
PWMxH pin always has priority in the Complementary
mode, so that both I/O pins cannot be driven active
simultaneously.
14.14.3
FAULT PIN PRIORITY
If both Fault input pins have been assigned to control a
particular PWM I/O pin, the Fault state programmed for
the Fault A input pin takes priority over the Fault B input
pin.
14.14.4
FAULT INPUT MODES
Each of the Fault input pins has two modes of
operation:
• Latched Mode: When the Fault pin is driven low,
the PWM outputs go to the states defined in the
PxFLTACON registers. The PWM outputs remain
in this state until the Fault pin is driven high and
the corresponding interrupt flag has been cleared
in software. When both of these actions have
occurred, the PWM outputs return to normal oper-
ation at the beginning of the next PWM cycle or
half-cycle boundary. If the interrupt flag is cleared
before the Fault condition ends, the PWM module
waits until the Fault pin is no longer asserted to
restore the outputs.
• Cycle-by-Cycle Mode: When the Fault input pin
is driven low, the PWM outputs remain in the
defined Fault states for as long as the Fault pin is
held low. After the Fault pin is driven high, the
PWM outputs return to normal operation at the
beginning of the following PWM cycle or
half-cycle boundary.
The operating mode for each Fault input pin is selected
using the FLTAM control bits in the PxFLTACON
Special Function Registers.
Each of the Fault pins can be controlled manually in
software.
14.15 PWM Update Lockout
For a complex PWM application, the user application
may need to write up to three Duty Cycle registers and
the PWM Time Base Period register, PxTPER, at a
given time. In some applications, it is important that all
buffer registers be written before the new duty cycle
and period values are loaded for use by the module.
The PWM update lockout feature is enabled by setting
the UDIS control bit in the PWM1CON2 SFR. The
UDIS bit affects all Duty Cycle Buffer registers and the
PWM Time Base Period register, PxTPER. No duty
cycle changes or period value changes will have effect
while UDIS = 1.
If the IUE bit is set, any change to the Duty Cycle
registers will be immediately updated regardless of the
UDIS bit state. The PWM Period register (PxTPER)
updates are not affected by the IUE control bit.
Note:
The Fault pin logic can operate indepen-
dent of the PWM logic. If all the enable bits
in the PxFLTACON registers are cleared,
then the Fault pin(s) could be used as gen-
eral purpose interrupt pin(s). Each Fault
pin has an interrupt vector, interrupt flag bit
and interrupt priority bits associated with it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com