Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC02IP Datasheet(PDF) 155 Page - Microchip Technology

Part # DSPIC33FJ12MC02IP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP Datasheet(HTML) 155 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 151Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 152Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 153Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 154Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 155Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 156Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 157Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 158Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 153
dsPIC33FJ12MC201/202
14.16 PWM Special Event Trigger
The PWM module has a Special Event Trigger that
allows ADC conversions to be synchronized to the
PWM time base. The ADC sampling and conversion
time can be programmed to occur at any point within
the PWM period. The Special Event Trigger allows the
programmer to minimize the delay between the time
when ADC conversion results are acquired and the
time when the duty cycle value is updated.
The PWM Special Event Trigger has an SFR named
PxSECMP, and five control bits to control its operation.
The PxTMR value for which a Special Event Trigger
should occur is loaded into the PxSECMP register.
When the PWM time base is in Up/Down Count mode,
an additional control bit is required to specify the
counting phase for the Special Event Trigger. The
count phase is selected using the SEVTDIR control bit
in the PxSECMP SFR:
• If the SEVTDIR bit is cleared, the Special Event
Trigger occurs on the upward counting cycle of
the PWM time base.
• If the SEVTDIR bit is set, the Special Event Trig-
ger occurs on the downward count cycle of the
PWM time base.
The SEVTDIR control bit has no effect unless the PWM
time base is configured for an Up/Down Count mode.
14.16.1
SPECIAL EVENT TRIGGER
POSTSCALER
The PWM Special Event Trigger has a postscaler that
allows a 1:1 to 1:16 postscale ratio. The postscaler is
configured by writing the SEVOPS<3:0> control bits in
the PWMxCON2 SFR.
The special event output postscaler is cleared on the
following events:
• Any write to the PxSECMP register
• Any device Reset
14.17 PWM Operation During CPU Sleep
Mode
The Fault A and Fault B input pins can wake the CPU
from Sleep mode. The PWM module generates an
interrupt if either of the Fault pins is driven low while in
Sleep mode.
14.18 PWM Operation During CPU Idle
Mode
The PxTCON SFR contains a PTSIDL control bit. This
bit determines if the PWM module will continue to
operate or stop when the device enters Idle mode. If
PTSIDL = 0, the module will continue to operate. If
PTSIDL = 1, the module will stop operation as long as
the CPU remains in Idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com