Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC02IP Datasheet(PDF) 169 Page - Microchip Technology

Part # DSPIC33FJ12MC02IP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP Datasheet(HTML) 169 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 165Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 166Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 167Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 168Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 169Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 170Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 171Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 172Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 167
dsPIC33FJ12MC201/202
15.4
Programmable Digital Noise
Filters
The digital noise filter section of the module is
responsible for rejecting noise on the incoming
capture or quadrature signals. Schmitt Trigger inputs
and a 3-clock cycle delay filter combine to reject low-
level noise and large, short-duration noise spikes
that typically occur in noise prone applications, such
as a motor system.
The filter ensures that the filtered output signal is not
permitted to change until a stable value has been
registered for three consecutive clock cycles.
For the QEA, QEB and INDX pins, the clock divide
frequency for the digital filter is programmed by bits
QECK<2:0> (DFLTCON<6:4>), and are derived from
the base instruction cycle, TCY.
To enable the filter output for channels QEA, QEB and
INDX, the QEOUT bit must be ‘1’. The filter network for
all channels is disabled on POR.
15.5
Alternate 16-bit Timer/Counter
When the QEI module is not configured for the QEI
mode, QEIM<2:0> = 001, the module can be con-
figured as a simple 16-bit timer/counter. The setup and
control of the auxiliary timer is accomplished through
the QEICON SFR register. This timer functions identi-
cally to Timer1. The QEA pin is used as the timer clock
input.
When configured as a timer, the POSCNT register
serves as the Timer Count register, and the MAXCNT
register serves as the Period register. When a Timer/
Period register match occurs, the QEI interrupt flag is
asserted.
The only difference between the general purpose
timers and this timer is the external up/down input
select. When the UPDN pin is asserted high, the timer
increments up. When the UPDN pin is asserted low, the
timer is decremented.
The UPDN control/status bit (QEICON<11>) can be
used to select the count direction state of the Timer
register. When UPDN = 1, the timer counts up. When
UPDN = 0, the timer counts down.
In addition, control bit UPDN_SRC, (in QEICON<0>),
determines whether the timer count direction state is
based on the logic state written into the UPDN control/
status bit (QEICON<11>) or the QEB pin state:
• When UPDN_SRC = 1, the timer count direction
is controlled from the QEB pin.
• When UPDN_SRC = 0, the timer count direction
is controlled by the UPDN bit.
15.6
QEI Module Operation During CPU
Sleep Mode
During CPU Sleep mode, the following are true for the
QEI module:
• The QEI module is halted.
• The timer does not operate because the internal
clocks are disabled.
15.7
QEI Module Operation During CPU
Idle Mode
Since the QEI module can function as a Quadrature
Encoder Interface, or as a 16-bit timer, this section
describes operation of the module in both modes.
15.7.1
QEI OPERATION DURING CPU
IDLE MODE
When the CPU is placed in Idle mode, the QEI module
will operate if QEISIDL (QEICON<13>) = 0. This bit
defaults to a logic ‘0’ upon executing POR. To halt the
QEI module during CPU Idle mode, QEISIDL should
be set to ‘1’.
Note:
Changing the operational mode (for exam-
ple, from QEI to timer or vice versa) will not
affect the Timer/Position Count register
contents.
Note:
This alternate timer does not support the
External Asynchronous Counter mode of
operation. If the program uses an external
clock source, the clock will automatically
be synchronized to the internal instruction
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com