Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC02IP Datasheet(PDF) 170 Page - Microchip Technology

Part # DSPIC33FJ12MC02IP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP Datasheet(HTML) 170 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 166Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 167Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 168Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 169Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 170Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 171Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 172Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 173Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 168
Preliminary
© 2007 Microchip Technology Inc.
15.7.2
TIMER OPERATION DURING CPU
IDLE MODE
When the CPU is placed in Idle mode and the QEI mod-
ule is configured in 16-bit Timer mode, the 16-bit timer
will operate if QEISIDL (QEICON<13>) = 0. This bit
defaults to a logic ‘0’ upon executing POR. To halt the
timer module during CPU Idle mode, QEISIDL should
be set to ‘1’.
If the QEISIDL bit is cleared, the timer will function
normally as if CPU Idle mode had not been entered.
15.8
Quadrature Encoder Interface
Interrupts
The Quadrature Encoder Interface can generate an
interrupt on occurrence of the following events:
• 16-bit up/down position counter rollover/underflow
• Detection of qualified index pulse
• CNTERR bit is set
• Timer period match event (overflow/underflow)
• Gate accumulation event
The QEI Interrupt Flag bit, QEIIF in the IFS3 register, is
asserted upon occurrence of any of these events. The
QEIIF bit must be cleared in software.
Enabling an interrupt is accomplished via the
respective enable bit, QEIIE, in the IEC3 register.
15.9
Control and Status Registers
The QEI module has four user-accessible registers,
accessible in either Byte or Word mode:
• Control/Status Register (QEICON) – Allows
control of the QEI operation and status flags
indicating the module state.
• Digital Filter Control Register (DFLTCON) –
Allows control of the digital input filter operation.
• Position Count Register (POSCNT) – Allows
reading and writing of the 16-bit position counter.
• Maximum Count Register (MAXCNT) – Holds a
value that is compared to the POSCNT counter in
some operations.
Note:
The
POSCNT
register
allows
byte
accesses,. However, reading the register
in Byte mode can result in partially
updated values in subsequent reads.
Either use Word mode reads/writes, or
ensure that the counter is not counting
during Byte operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com