Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4257ESA/V+T Datasheet(PDF) 6 Page - Analog Devices

Part # MAX4257ESA/V+T
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4257ESA/V+T Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX4257ESA/V+T Datasheet HTML 2Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 3Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 4Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 5Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 9Page - Analog Devices MAX4257ESA/V+T Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
(VDD = 5V, VSS = 0V, VCM = VOUT = VDD/2, input noise floor of test equipment =10nV/√Hz for all distortion measurements,
TA = +25°C, unless otherwise noted.)
Analog Devices │ 6
www.analog.com
MAX4249–MAX4257
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
Typical Operating Characteristics (continued)
50
80
70
60
90
100
110
120
130
140
150
0
100
50
150
200
250
VDD = 5V
RL REFERENCED TO GND
LARGE-SIGNAL VOLTAGE GAIN
vs. OUTPUT VOLTAGE SWING
VOUT SWING FROM EITHER SUPPLY (mV)
RL = 2kΩ
RL = 20kΩ
RL = 200kΩ
320
340
360
380
400
420
440
0
0.1
0.2
0.3
0.4
0.5
0.6
1.8
2.8
2.3
3.3 3.8 4.3 4.8 5.3 5.5
SUPPLY CURRENT AND SHUTDOWN
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX4249-57 TOC13
SUPPLY VOLTAGE (V)
PER AMPLIFIER
SHDN = VDD
SHDN = VSS
60
-40
100
10k
100k
1M
1k
10M
MAX4250–MAX4254
GAIN AND PHASE vs. FREQUENCY
-20
-10
0
-30
MAX4249-57 TOC16
FREQUENCY (Hz)
10
20
30
40
50
180
-180
-108
-72
-36
-144
0
36
72
108
144
GAIN
PHASE
VDD = 3V, 5V
RL = 50kΩ
CL = 20pF
AV = 1000
100
110
105
115
120
125
-40
0
-20
20
60
40
80
LARGE-SIGNAL VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (°C)
RL REFERENCED TO VDD/2
VDD = 5V
RL = 1kΩ
VOUT = 150mV
TO 4.75mV
RL = 100kΩ
VOUT = 10mV
TO 4.99mV
RL = 10kΩ
VOUT = 20mV
TO 4.975mV
2000
100
0.001
0.1
1
0.01
5
SUPPLY CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
1000
400
VDD = 5V
VDD = 3V
60
-40
100
10k
100k
1M
1k
10M
MAX4249/MAX4255/MAX4256/MAX4257
GAIN AND PHASE vs. FREQUENCY
-20
-10
0
-30
MAX4249-57 TOC17
FREQUENCY (Hz)
10
20
30
40
50
180
-180
-108
-72
-36
-144
0
36
72
108
144
GAIN
PHASE
VDD = 3V, 5V
RL = 50kΩ
CL = 20pF
AV = 1000
0.373
0.374
0.375
0.376
340
380
360
400
420
440
460
-40
0
-20
20
60
40
80
SUPPLY CURRENT AND SHUTDOWN
SUPPLY CURRENT vs. TEMPERATURE
MAX4249-57 TOC12
TEMPERATURE (°C)
PER AMPLIFIER
SHDN = VDD
SHDN = VSS
40
60
80
120
100
180
160
140
1.8 2.3 2.8 3.3 3.8 4.3 4.8 5.3
INPUT OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VCM = 0
VOUT = VDD/2
RL REFERENCED TO GND
RL = 10kΩ
RL = 1kΩ
RL = 100kΩ
0
-100
-110
1
1k
10k 100k 1M
10
100
10M
MAX4250–MAX4254
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
-70
-60
-90
FREQUENCY (Hz)
-50
-40
-30
-20
-10
PSRR+
PSRR-
VDD = 3V, 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com