Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC02EP Datasheet(PDF) 35 Page - Microchip Technology

Part # DSPIC33FJ12MC02EP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02EP Datasheet(HTML) 35 Page - Microchip Technology

Back Button DSPIC33FJ12MC02EP Datasheet HTML 31Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 32Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 33Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 34Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 35Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 36Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 37Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 38Page - Microchip Technology DSPIC33FJ12MC02EP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 284 page
background image
TABLE 3-10:
2-OUTPUT PWM2 REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
P2TCON
05C0
PTEN
—PTSIDL
—
—
—
—
—
PTOPS<3:0>
PTCKPS<1:0>
PTMOD<1:0>
0000 0000 0000 0000
P2TMR
05C2
PTDIR
PWM Timer Count Value Register
0000 0000 0000 0000
P2TPER
05C4
—
PWM Time Base Period Register
0000 0000 0000 0000
P2SECMP
05C6 SEVTDIR
PWM Special Event Compare Register
0000 0000 0000 0000
PWM2CON1 05C8
—
—
—
—
—
—
—PMOD1
—
—
—
PEN1H
—
—
—
PEN1L 0000 0000 1111 1111
PWM2CON2 05CA
—
—
—
—SEVOPS<3:0>
—
—
—
—
—
IUE
OSYNC
UDIS
0000 0000 0000 0000
P2DTCON1
05CC
DTBPS<1:0>
DTB<5:0>
DTAPS<1:0>
DTA<5:0>
0000 0000 0000 0000
P2DTCON2
05CE
—
—
—
—
—
—
—
—
—
—
—
—
—
—DTS1A
DTS1I
0000 0000 0000 0000
P2FLTACON 05D0
—
—
—
—
—
—
FAOV1H FAOV1L FLTAM
—
—
—
—
—
—
FAEN1 0000 0000 0000 0000
P2OVDCON
05D4
—
—
—
—
—
—POVD1H POVD1L
—
—
—
—
—
—POUT1H POUT1L 1111 1111 0000 0000
P2DC1
05D6
PWM Duty Cycle #1 Register
0000 0000 0000 0000
Legend:
u = uninitialized bit, — = unimplemented, read as ‘0’
TABLE 3-11:
QEI REGISTER MAP
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12 Bit 11 Bit 10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
QEICON
01E0 CNTERR
—
QEISIDL INDX UPDN
QEIM<2:0>
SWPAB PCDOUT TQGATE
TQCKPS<1:0>
POSRES TQCS UPDN_SRC 0000 0000 0000 0000
DFLTCON
01E2
—
—
—
—
—
IMV<1:0>
CEID QEOUT
QECK<2:0>
—
—
—
—
0000 0000 0000 0000
POSCNT
01E4
Position Counter<15:0>
0000 0000 0000 0000
MAXCNT
01E6
Maximum Count<15:0>
1111 1111 1111 1111
Legend:
u = uninitialized bit, — = unimplemented, read as ‘0’
TABLE 3-12:
I2C1 REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
I2C1RCV
0200
—
—
—
—
—
—
—
—
Receive Register
0000
I2C1TRN
0202
—
—
—
—
—
—
—
—
Transmit Register
00FF
I2C1BRG
0204
—
—
—
—
—
—
—
Baud Rate Generator Register
0000
I2C1CON
0206
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C1STAT
0208
ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D_A
P
S
R_W
RBF
TBF
0000
I2C1ADD
020A
—
—
—
—
—
—
Address Register
0000
I2C1MSK
020C
—
—
—
—
—
—
Address Mask Register
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com