Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1313-CS2EUN Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1313-CS2EUN
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-CS2EUN Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1313-CS2EUN Datasheet HTML 11Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 12Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 13Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 14Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 15Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 16Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 17Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 18Page - Microchip Technology TC1313-CS2EUN Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 15
TC1313
4.4
Soft Start
Both outputs of the TC1313 are controlled during
startup. Less than 1% of VOUT1 or VOUT2 overshoot is
observed during start-up from VIN rising above the
UVLO voltage; or SHDN1 or SHDN2 being enabled.
4.5
Overtemperature Protection
The TC1313 has an integrated overtemperature
protection circuit that monitors the device junction
temperature and shuts the device off if the junction
temperature exceeds the typical 165°C threshold. If the
overtemperature threshold is reached, the soft start is
reset so that, once the junction temperature cools to
approximately 155°C, the device will automatically
restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com